Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 69Page - STMicroelectronics L9396_V01 Datasheet HTML 70Page - STMicroelectronics L9396_V01 Datasheet HTML 71Page - STMicroelectronics L9396_V01 Datasheet HTML 72Page - STMicroelectronics L9396_V01 Datasheet HTML 73Page - STMicroelectronics L9396_V01 Datasheet HTML 74Page - STMicroelectronics L9396_V01 Datasheet HTML 75Page - STMicroelectronics L9396_V01 Datasheet HTML 76Page - STMicroelectronics L9396_V01 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
DS12539 Rev 10
73/109
L9396
System functional safety implementations
109
Figure 15. Bidirectional timing check evolution
Both the request and the answer must be sent on a predefined timing interval.
When the microcontroller finishes its boot procedures, it will send the first seed sending
request to the device. In this moment all the timing counters will start and never stop.
In order to detect a fast event, such as two consequent SPI frames, the time base is based
on the WD frequency of 250 kHz, which is obtained from the device clock period (16 MHz).
The obtained clock period WD_CLK is 4 µs. The clock used for the timing windows is a
divided version of that in order to obtain a timing resolution of WD_CLK equal to 64 µs or
256 µs depending on the WD_CLK_DIV settings.
When the microcontroller sends the request of a new seed to the device (T_start_REQ) the
WD_REQ_TMR timer starts to count. The microcontroller must send a valid answer inside
the timing interval defined by the two SPI programmable parameters T_Valid_Answ_Start
and T_Valid_Answ_End. In case the microcontroller sends an answer before
T_Valid_Answ_Start or after T_Valid_Answ_End an error will be generated.
In case the WD_TO_RST_EN is set:
If no answer will arrive before T_Answ_TimeOut has elapsed, a WD1_RESET will be
generated and the flag WD_RST_ TO_Answ will be set.
When the microcontroller sends the answer to the device (T_start_ANSW) the
WD_ANSW_TMR timer starts to count. Microcontroller must send a new seed request
inside the timing interval defined by the two SPI programmable parameters
T_Valid_Req_Start and T_Valid_Req_End. In case the Micro sends the request before
T_Valid_Req_Start or after T_Valid_Req_End an error will be generated. If no request will
Table 53. Description of the timing parameter
Timing parameter
Description
T_start_REQ
Micro reads, through SPI register seed to be elaborated
T_Valid_Answ_Start
Starting time interval for Valid answers
T_Valid_Answ_End
Ending time interval for Valid answers
T_Answ_TimeOut
Time out for answer
T_start_ANSW
Micro sends, through SPI register answer to the IC
T_Valid_Req_Start
Starting time interval for next following request
T_Valid_Req_End
Ending time interval for next following request
T_Req_TimeOut
Time out for request
Answer
Request
Answer
Request
GADG2401171314PS
T_Valid_Answ_Start
T_start_REQ
T_Valid_Answ_End
T_Answ_TimeOut
T_start_ANSW
T_Valid_Req_End
T_Req_TimeOut
T_Valid_Req_Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com