Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 66Page - STMicroelectronics L9396_V01 Datasheet HTML 67Page - STMicroelectronics L9396_V01 Datasheet HTML 68Page - STMicroelectronics L9396_V01 Datasheet HTML 69Page - STMicroelectronics L9396_V01 Datasheet HTML 70Page - STMicroelectronics L9396_V01 Datasheet HTML 71Page - STMicroelectronics L9396_V01 Datasheet HTML 72Page - STMicroelectronics L9396_V01 Datasheet HTML 73Page - STMicroelectronics L9396_V01 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 109 page
background image
System functional safety implementations
L9396
70/109
DS12539 Rev 10
6 V ≤ VBST ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted.
7.3
Fault output
The device provides a digital push-pull output. In its default configuration, the output is
controlled low when the watchdogs are properly served and controlled high in case of
watchdog errors. The meaning of watchdog error for WD1 is different in interrupt mode
respect to warning lamp mode. In the first case it will be considered as a fault an event that
causes a WD COUNTER decrease, while in the second case, the fault considered is a WD1
reset (so the most critical fault for WD1). About WD2 error, all faults will be considered,
generating a reset.
This output can be used as a pre-driver for a passive warning lamp using the proper SPI Bit.
With a proper SPI configuration, FAULT output pin can act as an interrupt signal to the µC in
case of:
•
status change on wake-up input (IGN),
•
over / under-voltage detections (see table below),
•
thermal warnings (see table below).
Feedbacks can be programmed as mask-able via SPI register ADV_CONFIG (see
Table 51).
In case of the above faulty conditions, with FAULT output configured in Interrupt mode, the
FAULT output is driven high for tFAULT_ACT in case of IGN status change and Watchdogs
errors, while it is driven high for other faults (OT and over/under voltage detections) until the
faults disappear and tFAULT_ACT expires.
In case of faulty conditions, with FAULT output configured as passive warning lamp driver,
the output is driven high until the faults disappear and the related flags are read.
FAULT output is enabled (exit of high impedance state) only at the end of power up cycle.
This happens only when undervoltage of regulators (VPREREG, VCC, VCC5, VCORE) is
no more present after power up.
Table 50. Oscillator electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
fOSCINT
Internal Oscillator main
frequency
-
15.1
16
16.9
MHz
fOSCINT_mod_freq
Spread spectrum
modulation frequency
Guaranteed by
scan
-
125
-
kHz
fOSCINT_mod_id_min
Spread spectrum minimum
modulation index
-
-5
-
-2
%
fOSCINT_mod_id_max
Spread spectrum maximum
modulation index
-
2
-
5
%
fOSCINT2
Internal second oscillator
frequency
-
1.7
2
2.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com