Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9396 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 25Page - STMicroelectronics L9396_V01 Datasheet HTML 26Page - STMicroelectronics L9396_V01 Datasheet HTML 27Page - STMicroelectronics L9396_V01 Datasheet HTML 28Page - STMicroelectronics L9396_V01 Datasheet HTML 29Page - STMicroelectronics L9396_V01 Datasheet HTML 30Page - STMicroelectronics L9396_V01 Datasheet HTML 31Page - STMicroelectronics L9396_V01 Datasheet HTML 32Page - STMicroelectronics L9396_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
DS12539 Rev 10
29/109
L9396
Power supply
109
VCORE_UV_L
VCORE low
Undervoltage
threshold
-
2.97
-
3.135
V
VCORE_OV_L
VCORE low
Overvoltage
threshold
-
3.465
-
3.63
V
VCORE_UV_H
VCORE high
Undervoltage
threshold
-
4.5
-
4.75
V
VCORE_OV_H
VCORE high
Overvoltage
threshold
-
5.25
-
5.5
V
tflt_VCORE_VCOREFDBK
_UVOV
Under/overvoltage
filter time
-
-
12
-
µs
VICORESH_IH
I_CORE_SH input
high voltage
-
1.75
-
-
V
VICORESH_IL
I_CORE_SH input
low voltage
-
-
-
0.75
V
VICORESH_Ihys
I_CORE_SH input
hysteresis
-
100
-
1000
mV
Ipd_ICORESH_L
I_CORE_SH input
Pull down current
VCORE linear
mode,
I_CORE_SH=3.3V
5
-
20
µA
Ipd_ICORESH_B
I_CORE_SH input
Pull down current
VCORE buck
mode,
I_CORE_SH=3.3V
100
-
300
µA
V_AI0_IH
AI0 input high
voltage
-
1.75
-
-
V
V_AI0_IL
AI0 input low
voltage
-
-
-
0.75
V
V_AI0_Ihys
AI0 input hysteresis -
100
-
1000
mV
Ipd_AI0
AI0 input Pull down
current
AI0=3.3V
10
-
100
µA
V_AI1_IH
AI1 input high
voltage
-
1.75
-
-
V
V_AI1_IL
AI1 input low
voltage
-
-
-
0.75
V
V_AI1_Ihys
AI1 input hysteresis -
100
-
1000
mV
Ipd_AI1
AI1 input Pull down
current
AI1 = 3.3 V
10
-
100
µA
tsoftstart
Softstart time
From 10% to 90%
of nominal output
voltage
240
-
720
µs
Table 12. VCORE regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com