Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 55Page - STMicroelectronics L99UDL01TR Datasheet HTML 56Page - STMicroelectronics L99UDL01TR Datasheet HTML 57Page - STMicroelectronics L99UDL01TR Datasheet HTML 58Page - STMicroelectronics L99UDL01TR Datasheet HTML 59Page - STMicroelectronics L99UDL01TR Datasheet HTML 60Page - STMicroelectronics L99UDL01TR Datasheet HTML 61Page - STMicroelectronics L99UDL01TR Datasheet HTML 62Page - STMicroelectronics L99UDL01TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
DS12511 Rev 5
59/88
L99UDL01
Programmers guide
87
6.2
Output configuration registers
The Configuration Registers are registers written to the L99UDL01 by the MASTER
C to
configure the actuation of the L99UDL01 outputs. Each command consists of an address,
data bits, and a parity bit.
The information written in these register sets up timing and
regulation parameters during lock / unlock actuation.
6.2.1
Register 02H (Driver configuration register 1).
This register sets up the on-time and off-time durations of the lock / unlock actuations as
well as enables/disables the braking function. The information of this register remain even
after actuation.
This register can be read or written. New data is not acted upon if programmed while in
timed actuation. New data will be used in subsequent timed actuations.
Table 32. External output polarity bits
Output polarity
EXTx_LSD
EXTx_HSD
Polarity
00
Tri-state
0
1
High Side on
1
0
Low Side on
11
Tri-state
Figure 18. 02H Driver configuration register 1
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15
D 14
D 13
D 12
D 11
D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
0
000
10
Default Values
000
00
00
000
00
00
0
X
Table 33. 02H Configuration bit description
Bit#
Command
Description
15
DBN_EX2
Dynamic Braking disable for external bridge driver 2
14
DBN_EX1
Dynamic Braking disable for external bridge driver 1
13
DBN_6
Dynamic Braking disable for Internal bridge 6
12
DBN_5
Dynamic Braking disable for Internal bridge 5
11
DBN_4
Dynamic Braking disable for Internal bridge 4
10
DBN_3
Dynamic Braking disable for Internal bridge 3
9
DBN_2
Dynamic Braking disable for Internal bridge 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com