Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 11Page - STMicroelectronics L99UDL01TR Datasheet HTML 12Page - STMicroelectronics L99UDL01TR Datasheet HTML 13Page - STMicroelectronics L99UDL01TR Datasheet HTML 14Page - STMicroelectronics L99UDL01TR Datasheet HTML 15Page - STMicroelectronics L99UDL01TR Datasheet HTML 16Page - STMicroelectronics L99UDL01TR Datasheet HTML 17Page - STMicroelectronics L99UDL01TR Datasheet HTML 18Page - STMicroelectronics L99UDL01TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
DS12511 Rev 5
15/88
L99UDL01
Device description
87
The 3V3 supply has a low voltage warning function with hysteresis. When the 3V3 regulator
drops below 3V3UV threshold for t3V3UV, timed actuation is halted, the outputs (internal half
bridges and drivers for external MOSFET) are disabled, and the V3V3UV bit is set in the SPI
diagnostic register 13h.
If, for any reason the 3V3 supply falls below V3V3RST_F the Logic State machine and all of
the registers are RESET to their default state and held there.
Upon rising out of V3V3RST_R RESET will be disabled and the L99UDL01 will enter Standby
mode.
The C3V3 pin is intended only for supply to the IC. It is not recommended that the C3V3 pin
is used to power any other circuitry.
2.3
Charge pump
The charge pump uses two external flying capacitors, which are switched with fCP. The
output of the charge pump has a current limitation. In standby mode or after a global thermal
shutdown has been triggered the charge pump is disabled.
Figure 3. Charge pump low filtering and start-up
At coming out of standby the outputs are enabled tSET_CP seconds after the charge pump is
re-enabled as long as the VCPLOW threshold is achieved. The CPLOW bit will remain set,
indicating that the charge pump was low since the last reading of the register.
At any time the charge pump output voltage drops below VCPLOW the CPLOW bit is set and
the internal half bridges and the external H-Bridge MOSFET gate drivers are pulled low.
After a CPLOW event the outputs are re-enabled tCP seconds after the charge pump voltage
rises above VCPLOW. Actuation can be restarted via SPI frame or EN_OUT rising edge
according to configuration registers. In this case the outputs that are actuated by the output
override (OUTx_on) bits will automatically turn back on when the charge pump is above
CPLOW.
An over voltage or under voltage fault (VSovsd, VDDuv, V3V3uv) will disable the charge
pump only while that condition exists. The charge pump will automatically restart once the
over voltage or under voltage fault is no longer present.
In the case of a global TSD event all of the TSD flags must be cleared or the ACT_OFF
control bit must be reset to re-enable the Charge pump.
Any time the charge pump is enabled, re-enabled or restarted the drivers will not be
available until after tset_CP and the charge pump voltage exceeds the VCPLOW threshold
(see Figure 3).
Charge
Pump
VCP_Low
Filter Time
(tcp)
Start-up Blanking
time (tset_CP)
CLK
Power
Stage
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com