Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 66Page - STMicroelectronics L99UDL01TR Datasheet HTML 67Page - STMicroelectronics L99UDL01TR Datasheet HTML 68Page - STMicroelectronics L99UDL01TR Datasheet HTML 69Page - STMicroelectronics L99UDL01TR Datasheet HTML 70Page - STMicroelectronics L99UDL01TR Datasheet HTML 71Page - STMicroelectronics L99UDL01TR Datasheet HTML 72Page - STMicroelectronics L99UDL01TR Datasheet HTML 73Page - STMicroelectronics L99UDL01TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
Programmers guide
L99UDL01
70/88
DS12511 Rev 5
STBY1
Standby is entered when bit 13 in this register and bit 13 in register 07H are set in order.
First STBY1 must be set and then STBY2 must be set for standby to be initiated. Upon the
rising edge of CSN, when setting the second of the two bits, the device will enter standby.
Setting only one of the bits or setting the bits out of order will not cause the device to enter
standby.
Once entering Standby no communication can occur without waking the device up (CSN
falling edge).
HBDCL2
See register 07H below for description.
EXTx_VDtx
These bits set up the blanking time for VDS fault detection for the external bridges. If at turn
on the Drain-Source voltage exceeds the programmed EXTx_VDSx value during the
blanking time programmed by these bits, the fault is not triggered. The VDS fault can be
triggered after this blanking time if it persists for more than tVDS_FILTER time (1 s). The VDS
timer default setting is 1 µs.
Table 44. VDS threshold bit description
VDS threshold
Bit 8 / Bit 4
Bit 7 / Bit 3
Bit 6 / Bit 2
Bit 5 / Bit 1
Threshold
(typical)
00
0
0
OFF
1
0
0
0
0.25 V
10
0
1
0.5 V
1
0
1
0
0.75 V
10
1
1
1.0 V
1
1
0
0
1.25 V
11
0
1
1.5 V
1
1
1
0
1.75 V
1
1
1
1
2.0 V
Table 45. VDS timer bit description
VDS timer
Bit 12 / Bit 10
Bit 11 / Bit 9
Duration
0
0
1 µs
0
1
2 µs
1
0
3 µs
1
1
4 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com