Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 10Page - STMicroelectronics L99UDL01TR Datasheet HTML 11Page - STMicroelectronics L99UDL01TR Datasheet HTML 12Page - STMicroelectronics L99UDL01TR Datasheet HTML 13Page - STMicroelectronics L99UDL01TR Datasheet HTML 14Page - STMicroelectronics L99UDL01TR Datasheet HTML 15Page - STMicroelectronics L99UDL01TR Datasheet HTML 16Page - STMicroelectronics L99UDL01TR Datasheet HTML 17Page - STMicroelectronics L99UDL01TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Device description
L99UDL01
14/88
DS12511 Rev 5
2
Device description
2.1
Overview
The L99UDL01 is a 6+2 channel half bridge driver monolithic integrated circuit designed to
power a centralized door lock system. This device is made possible by the incorporation of
current regulated drivers limiting the current in the door lock motors to a preset level (for
example the current levels seen at a 9 V battery).
The current is regulated by controlling the PWM duty cycle at a programmed frequency.
2.2
Supply monitoring
2.2.1
Low Voltage Inhibit (VSLVI)
The Vs supply has a low voltage warning function with hysteresis. When Vs drops below
VSLVI_F the outputs (internal half bridges and drivers for external MOSFET) are disabled
and the VSLVI bit is set in register 12H (the SPI diagnostic register).
Once Vs rises above the rising VSLVI_R threshold the outputs are re-enabled and ready for
use. Actuation can be restarted via SPI frame or EN_OUT rising edge according to
configuration registers. The VSLVI bit remains set in the SPI diagnostic register and is
cleared only upon read & clear.
2.2.2
Overvoltage (VSOVSD)
When VS rises above VSOVSD the outputs (internal half bridges and drivers for external
MOSFETs) are disabled and the VOVSD bit is set in the SPI diagnostic register.
Once VS falls below VSOVSD the outputs are re-enabled and ready for use. Actuation can
be restarted according to configuration registers via SPI frame or EN_OUT rising edge. The
VSOVSD bit (diagnostic register 12H) remains set until read & clear SPI frame.
2.2.3
VDD monitoring
The VDD pin (5 V/3.3 V) is a supply pin for the L99UDL01 I/O. This pin is monitored by 2
under voltage conditions. In case of an undervoltage condition during Normal mode (VDD <
VDDUV) the device will enter into stand-by mode and all of the control registers will be reset
to their default values after tVDDUV. In case of an undervoltage condition (VDD<VDDSLEEP),
the device enters into the ultra-low quiescent sleep mode and the internal regulator is
disabled. CSN must be held high while VDD falls below
VDDSLEEP to ensure the L99UDL01
enters into sleep mode.
Upon rising out of VDDSLEEP the device will perform a power-on reset and enter into
Standby mode until a CSN wake-up has occurred. The reset (RSTB) bit will remain set until
the first SPI communication.
2.2.4
3V3 monitoring
The internal 3.3 V regulator, 3V3, is monitored for under voltage conditions to ensure the
logic integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com