Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 65Page - STMicroelectronics L99UDL01TR Datasheet HTML 66Page - STMicroelectronics L99UDL01TR Datasheet HTML 67Page - STMicroelectronics L99UDL01TR Datasheet HTML 68Page - STMicroelectronics L99UDL01TR Datasheet HTML 69Page - STMicroelectronics L99UDL01TR Datasheet HTML 70Page - STMicroelectronics L99UDL01TR Datasheet HTML 71Page - STMicroelectronics L99UDL01TR Datasheet HTML 72Page - STMicroelectronics L99UDL01TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
DS12511 Rev 5
69/88
L99UDL01
Programmers guide
87
EXTx_VDSx
These bits set up the Drain-Source voltage fault threshold for the external bridges. If the
Drain-Source voltage exceeds the programmed value (EXTx_VDSx, see Table 43) for
longer than the VDS filtering time (tVDS_FILTER) the output is disabled and a fault code is set.
Table 43 contains only typical values. Refer to parameter VDS_TH Step tolerance (D.044) for
worst case tolerances. The default setting is 1011 (1.0V).
At turn on, there is an additional programmable VDS fault blanking time (EXTx_VDtx). In
this case, starting from a turn on command, the delay includes the VDS fault filter time plus
the programmed blanking time (i.e. tVDS_FILTER + EXTx_VDtx).
Figure 22. 06H external bridge VDS monitor and control register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
0
0
0
1
0
00110
Default Values
0000
0001011101
1
X
Table 43. 06H Register bit description
Bit No.
Function
Level
15
HBDCL2
H-Bridge 2 diagnostic current Sink
14
HBDCH2
H-Bridge 2 diagnostic current Source
13
STBY1
Standby Activation bit 1
12
EXT2_VDt_1
External Bridge 2 VDS Blanking time bit 1
11
EXT2_VDt_0
External Bridge 2 VDS Blanking time bit 0
10
EXT1_VDt_1
External Bridge 1 VDS Blanking time bit 1
9
EXT1_VDt_0
External Bridge 1 VDS Blanking time bit 0
8
EXT2_VDS_3
External Bridge 2 Drain-Source threshold bit 3
7
EXT2_VDS_2
External Bridge 2 Drain-Source threshold bit 2
6
EXT2_VDS_1
External Bridge 2 Drain-Source threshold bit 1
5
EXT2_VDS_0
External Bridge 2 Drain-Source threshold bit 0
4
EXT1_VDS_3
External Bridge 1 Drain-Source threshold bit 3
3
EXT1_VDS_2
External Bridge 1 Drain-Source threshold bit 2
2
EXT1_VDS_1
External Bridge 1 Drain-Source threshold bit 1
1
EXT1_VDS_0
External Bridge 1 Drain-Source threshold bit 0
0 LSB
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com