| Electronic Components Datasheet Search |
|
L99UDL01TR Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99UDL01TR Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 88 page ![]() DS12511 Rev 5 77/88 L99UDL01 Programmers guide 87 FLTx_y Each integrated output has 2 bits assigned to communicate status. Each current regulation loop provides information about an output going under current regulation. This information is reported in fault register at the end of the Ton phase (just before the braking phase). An overcurrent flag occurs if the internal switch exceeds the maximum current allowed (IOC_HS/IOC_LS). Due to how the active freewheeling circuit is activated, overcurrent fault may only occur on the driving MOSFET. The freewheeling MOSFET will only show an overcurrent if there is a short across the driving element while freewheeling. Once an overcurrent fault is detected no CNR fault can be reported until the register is reset with a read & clear command. An overcurrent event will latch off an output until this register is read and cleared. An overcurrent fault has priority over CNR fault regardless of the age of the fault.A CNR flag can be set if the driver is shorted. To determine if a load is missing or the output is shorted an off-state diagnostic should be performed. CNR flag will not disable an output CNR is not available when DBN_x = 1 (x = 1...6) 13 RD_Fail Read fail Cleared 0 12 FLT6_1 Output 6 Fault diagnostic bit 1 Cleared (1) 0 11 FLT6_0 Output 6 Fault diagnostic bit 0 Cleared (1) 0 10 FLT5_1 Output 5 Fault diagnostic bit 1 Cleared (1) 0 9 FLT5_0 Output 5 Fault diagnostic bit 0 Cleared (1) 0 8 FLT4_1 Output 4 Fault diagnostic bit 1 Cleared (1) 0 7 FLT4_0 Output 4 Fault diagnostic bit 0 Cleared (1) 0 6 FLT3_1 Output 3 Fault diagnostic bit 1 Cleared (1) 0 5 FLT3_0 Output 3 Fault diagnostic bit 0 Cleared (1) 0 4 FLT2_1 Output 2 Fault diagnostic bit 1 Cleared (1) 0 3 FLT2_0 Output 2 Fault diagnostic bit 0 Cleared (1) 0 2 FLT1_1 Output 1 Fault diagnostic bit 1 Cleared (1) 0 1 FLT1_0 Output 1 Fault diagnostic bit 0 Cleared (1) 0 0 LSB Parity Parity bit 1 1. It is recommended, if a read and clear operation is performed, that all bits for that output (or paralleled outputs) be cleared. Otherwise there could be confusion as to the reported fault. Table 52. 10H register bit description (continued) Bit No. Function Level State after Read & Clear Default (after POR) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |