Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 33Page - STMicroelectronics L99UDL01TR Datasheet HTML 34Page - STMicroelectronics L99UDL01TR Datasheet HTML 35Page - STMicroelectronics L99UDL01TR Datasheet HTML 36Page - STMicroelectronics L99UDL01TR Datasheet HTML 37Page - STMicroelectronics L99UDL01TR Datasheet HTML 38Page - STMicroelectronics L99UDL01TR Datasheet HTML 39Page - STMicroelectronics L99UDL01TR Datasheet HTML 40Page - STMicroelectronics L99UDL01TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
DS12511 Rev 5
37/88
L99UDL01
Electrical characteristics
87
4.3.9
Integrated half bridge AC characteristics
D.054
tOC_BLANKING
Integrated driver
Blanking time during
switching
Duration from output
commanded on to start of fault
current detection
Output commanded to opposite
rail of short connection
Tested by scan
3
s
D.055
tOC_FILTER
Filter time to avoid
false overcurrent
detections during
current spikes
Tested by scan
1.5
s
D.056
VDS_ON_LS
Low side active
freewheeling
threshold
Active Freewheeling enabled
current is freewheeling through
the low side internal MOSFET
-50
150
mV
D.057
VDS_ON_HS
High side active
freewheeling
threshold
Active Freewheeling enabled
current is freewheeling through
the high side internal MOSFET
Vs-1.3 Vs-1.1 Vs-0.9
V
1. This current is for one output on. If outputs are grouped this value is multiplied by the number of outputs in the group.
Table 13. Protections (continued)
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 14. Integrated half bridge AC characteristics
Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified.)
Req ID
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
D.058
tr
Output rise time
One output on,
RLOAD=6.5 Ohm, VS=13 V
20% to 80% VS
520
V/µs
D.059
tf
Output fall time
One output on,
RLOAD=6.5 Ohm, VS=13 V
80% to 20% VS
520
V/µs
D.060
fPWM TOL
PWM frequency
tolerance
-20
10
20
%
D.061
fPWM STEP
PWM frequency
Step size
Frequency difference per bit
(register 00H)
Tested by scan
2.0
kHz
D.062
fPWM RANGE
Typical frequency
range
3 bits @ 2kHz per bit
Tested by scan
10
24
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com