| Electronic Components Datasheet Search |
|
L99UDL01TR Datasheet(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99UDL01TR Datasheet(HTML) 71 Page - STMicroelectronics |
|
71 / 88 page ![]() DS12511 Rev 5 71/88 L99UDL01 Programmers guide 87 6.2.5 Register 07H (diagnostic monitoring control) This register controls the diagnostic current enable and polarity. This register can be read or written to. All new data programmed into this register will be acted upon the rising edge of CSN even during a timed actuation. ODCHx / ODCLx – HBDCHx/HBDCLx These bits set the output diagnostic current. When the corresponding bit is set there is a current imposed (IDIAG) on the integrated drivers (ODCH/Lx) or external drivers (HBDCH/Lx). A sink and a source current cannot be enabled simultaneously. It is not recommended to use the diagnostic currents when the outputs are being used. That is during timed actuation or during output override. Figure 23. 07H diagnostic monitoring control register OC1 OC2 A5 A4 A3 A2 A1 A0 D 15 D 14 D 13 D 12 D 11 D 10 D 9 D 8 D 7 D 6 D 5 D 4 D 3D 2 D 1D 0 0 0 0 1 000111 Default Values 0000000000 00000 X Table 46. 07H Register bit description Bit No. Function Level 15 HBDCL1 H-Bridge 1 diagnostic current Sink 14 HBDCH1 H-Bridge 1 diagnostic current Source 13 STBY2 Standby Activation bit 2 12 ODCL6 Output 6 diagnostic current Sink 11 ODCH6 Output 6 diagnostic current Source 10 ODCL5 Output 5 diagnostic current Sink 9 ODCH5 Output 5 diagnostic current Source 8 ODCL4 Output 4 diagnostic current Sink 7 ODCH4 Output 4 diagnostic current Source 6 ODCL3 Output 3 diagnostic current Sink 5 ODCH3 Output 3 diagnostic current Source 4 ODCL2 Output 2 diagnostic current Sink 3 ODCH2 Output 2 diagnostic current Source 2 ODCL1 Output 1 diagnostic current Sink 1 ODCH1 Output 1 diagnostic current Source 0 LSB Parity Parity bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |