| Electronic Components Datasheet Search |
|
SPSB100PTR Datasheet(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100PTR Datasheet(HTML) 120 Page - STMicroelectronics |
|
120 / 213 page ![]() Bit Name Description 1: Enable Protected by SPI_PROTECT_ACCESS bit 0: Disabled Note that, after the first power-up is needed to align the live bit associated in DSR18 (VBUCK3_ENA_STATUS) with the current value associated in DCR1 12 VBUCK2_ENA BUCK2 enable bit (default value link to start up sequence setting) 1: Enable Protected by SPI_PROTECT_ACCESS bit 0: Disabled Note that, after the first power-up is needed to align the live bit associated in DSR18 (VBUCK2_ENA_STATUS) with the current value associated in DCR1 11 VBUCK1_ENA BUCK1 enable bit (default value link to start up sequence setting) 1: Enable Protected by SPI_PROTECT_ACCESS bit 0: Disabled Note that, after the first power-up is needed to align the live bit associated in DSR18 (VBUCK1_ENA_STATUS) with the current value associated in DCR1 10 LDO1_ENA LDO1 enable bit (default value link to start up sequence setting) 1: Enable 0: Disabled Protected by SPI_PROTECT_ACCESS bit Note that, after the first power-up is needed to align the live bit associated in DSR18 (LDO1_ENA_STATUS) with the current value associated in DCR1 9 LDO2_ENA LDO2 enable bit (default value link to start up sequence setting) 1: Enable 0: Disabled Protected by SPI_PROTECT_ACCESS bit Note that, after the first power-up is needed to align the live bit associated in DSR18 (LDO2_ENA_STATUS) with the current value associated in DCR1 8 LOW_POWER_SET Set low power mode 1: Go to low power 0: Back to full power Protected by SPI_PROTECT_ACCESS bit Table 63. DCR1 (0x01) LSB Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) WD_LP_ENA DO_POWER_DOWN U- NVM_PROG DO_POWER_CYCLE CRC3 CRC2 CRC1 CRC0 Watchdog in low power mode enable bit Power-down sequence bit User NVM program bit Power cycle bit Cyclic redundancy checking bit 3 Cyclic redundancy checking bit 2 Cyclic redundancy checking bit 1 Cyclic redundancy checking bit 0 Table 64. DCR1 (0x01) LSB description Bit Name Description 7 WD_LP_ENA 1: Watchdog is enabled in low power mode (default) SPSB100 SPI registers DS14640 - Rev 2 page 120/213 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |