Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 123 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 119Page - STMicroelectronics SPSB100PTR Datasheet HTML 120Page - STMicroelectronics SPSB100PTR Datasheet HTML 121Page - STMicroelectronics SPSB100PTR Datasheet HTML 122Page - STMicroelectronics SPSB100PTR Datasheet HTML 123Page - STMicroelectronics SPSB100PTR Datasheet HTML 124Page - STMicroelectronics SPSB100PTR Datasheet HTML 125Page - STMicroelectronics SPSB100PTR Datasheet HTML 126Page - STMicroelectronics SPSB100PTR Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 213 page
background image
Table 71. DCR3 (0x03) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
-(R0)
-(R0)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
-(R0)
0 (R/W)
RES
RES
BUCK3_SPREAD_ENA
BUCK2_SPREAD_ENA
BUCK1_SPREAD_ENA
CLR_WDFAIL_CNT
RES
BUCK3_FTUNE_2
Reserved
Reserved
BUCK3 spread enable bit
BUCK2 spread enable bit
BUCK1 spread enable bit
Clear WDFAIL_CNT bits
reserved
BUCK3 fine-tune bit 2
Table 72. DCR3 (0x03) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
BUCK3_SPREAD_ENA
Frequency spread selection
1: Enabled
0: Disabled (default)
20
BUCK2_SPREAD_ENA
Frequency spread selection
1: Enabled
0: Disabled (default)
19
BUCK1_SPREAD_ENA
Frequency spread selection
1: Enabled
0: Disabled (default)
18
CLR_WDFAIL_CNT
Clear WDFAIL_CNT to 0
This bit is always read low
17
RES
Reserved
16
BUCK3_FTUNE_2
Table 73. DCR3 (0x03)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
BUCK3_FTUNE_1
BUCK3_FTUNE_0
BOOST_OFF
FBB_OV_EW_TH_3
FBB_OV_EW_TH_2
FBB_OV_EW_TH_1
FBB_OV_EW_TH_0
FBB_UV_EW_TH_3
BUCK3 fine-tune
bit 1
BUCK3 fine-tune
bit 0
BOOST
disable bit
FBB overvoltage
early warning
threshold bit 3
FBB overvoltage
early warning
threshold bit 2
FBB overvoltage
early warning
threshold bit 1
FBB overvoltage
early warning
threshold bit 0
FBB undervoltage
early warning
threshold bit 3
Table 74. DCR3 (0x03) description
Bit
Name
Description
15
BUCK3_FTUNE_1
14
BUCK3_FTUNE_0
Valid only if U-NVM bits BUCK3_PU_VALUE = 001
11x: 0.95 V
101: 0.96 V
100: 0.97 V
000: 0.98 V (default)
001: 0.99 V
010: 1.00 V
011: 1.01 V
13
BOOST_OFF
Boost disable
1: Boost is disabled
0: Boost feature define by BOOST_DIS U-NVM bit (default)
SPSB100
SPI registers
DS14640 - Rev 2
page 123/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com