Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 125 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 125 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 121Page - STMicroelectronics SPSB100PTR Datasheet HTML 122Page - STMicroelectronics SPSB100PTR Datasheet HTML 123Page - STMicroelectronics SPSB100PTR Datasheet HTML 124Page - STMicroelectronics SPSB100PTR Datasheet HTML 125Page - STMicroelectronics SPSB100PTR Datasheet HTML 126Page - STMicroelectronics SPSB100PTR Datasheet HTML 127Page - STMicroelectronics SPSB100PTR Datasheet HTML 128Page - STMicroelectronics SPSB100PTR Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 213 page
background image
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
Reserved
BOOST monitor
threshold bit 2
BOOST monitor
threshold bit 1
BOOST monitor
threshold bit 0
Software
debug exit bit
VS undervoltage
early warning
threshold bit 4
VS undervoltage
early warning
threshold bit 3
VS undervoltage
early warning
threshold bit 2
Table 78. DCR4 (0x04) MSB description
Bit
Name
Description
23
RES
Reserved
22 BOOST_DSMON_TH_2
Control BOOST_VDMON_TH
000: 0.3 V
001: 0.5 V
010: 0.7 V
011: 0.9 V
100: 1.1 V
101: 1.3 V
110: 1.5 V
111: 1.7 V
21 BOOST_DSMON_TH_1
20 BOOST_DSMON_TH_0
19
SWDBG_EXIT
This bit is active in software debug mode
1: Forces the device to exit software debug mode
Watchdog restarts with a LOW
0: No action (default)
18
VS_UV_EW_TH_4
VS undervoltage early warning threshold
At VS < VS_EW_TH, an interrupt is generated on IRQ pin and the status bit VS_UV_EW in
SR4 is set (in active mode)
00000: Feature deactivated (default)
00001: 2.5 V
… (0.25 V step)
11111: 10 V
17
VS_UV_EW_TH_3
16
VS_UV_EW_TH_2
Table 79. DCR4 (0x04)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
1 (R/W)
0 (R/W)
VS_UV_EW_TH_1
VS_UV_EW_TH_0
FCCU_PROTOCOL
FCCU_STATIC_ERROR
OUTHS_1
OUTHS_0
BYPASS_DSMON_TH_2
BYPASS_DSMON_TH_1
VS undervoltage
early warning
threshold bit 1
VS undervoltage
early warning
threshold bit 0
FCCU protocol bit
FCCU static error bit
OUTHS
configuration
bit 1
OUTHS
configuration
bit 0
BYPASS monitor
threshold bit 2
BYPASS monitor
threshold bit 1
Table 80. DCR4 (0x04) description
Bit
Name
Description
15
VS_UV_EW_TH_1
14
VS_UV_EW_TH_0
13
FCCU_PROTOCOL
1: Toggle (pull-up/down defined by FCCU_STATIC_ERROR)
0: Static (error state defined by FCCU_STATIC_ERROR)
SPSB100
SPI registers
DS14640 - Rev 2
page 125/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com