Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 128 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 128 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 124Page - STMicroelectronics SPSB100PTR Datasheet HTML 125Page - STMicroelectronics SPSB100PTR Datasheet HTML 126Page - STMicroelectronics SPSB100PTR Datasheet HTML 127Page - STMicroelectronics SPSB100PTR Datasheet HTML 128Page - STMicroelectronics SPSB100PTR Datasheet HTML 129Page - STMicroelectronics SPSB100PTR Datasheet HTML 130Page - STMicroelectronics SPSB100PTR Datasheet HTML 131Page - STMicroelectronics SPSB100PTR Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 213 page
background image
Bit
Name
Description
1: IGN input monitored in cyclic mode with Timer1 (filter time: tIGN_cyc, blanking time 80% of timer
ON time)
0: IGN input monitored in static mode (filter time tGN_stat) (default)
10
IGN_ENA
IGN input enable:
1: Device wake-up capability by IGN pin enabled (default)
0: No wake-up possible by IGN pin
9
IGN_PU
IGN Pull-up/down configuration
1: PULL-UP
0: PULL-DOWN
8
WU_CONFIG
Configuration of input pin WU input configured as wake-up input
1: WU voltage measurement enabled
0: WU configured as wake-up input (default)
Table 87. DCR5 (0x05) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
WU_ENA
WU_PU
WU_FILT
TIMER_ENA
CRC3
CRC2
CRC1
CRC0
Wake-up
enable bit
Wake-up pull-
up/down
configuration
bit
Wake-up filter
configuration
bit
Timer enable
bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 88. DCR5 (0x05) LSB description
Bit
Name
Description
7
WU_ENA
WU input enable:
1: Device wake-up capability by WU pin enabled (default)
0: No wake-up possible by WU pin
6
WU_PU
WU pull-up/down configuration
1: PULL-UP
0: PULL-DOWN
5
WU_FILT
WU filter configuration bits
1: WU input monitored in cyclic mode with Timer1 (filter time: tWU_cyc, blanking time 80% of timer ON
time)
0: WU input monitored in static mode (filter time tWU_stat) (default)
4
TIMER_ENA
Enables timer counting
1: Allow counting
0: Counter stopped
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 89. DCR6 (0x06) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
0 (R/W)
SPSB100
SPI registers
DS14640 - Rev 2
page 128/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com