| Electronic Components Datasheet Search |
|
SPSB100PTR Datasheet(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100PTR Datasheet(HTML) 129 Page - STMicroelectronics |
|
129 / 213 page ![]() Bit 23 Bit 22 Bit 21 Bit 20 Bit 19 Bit 18 Bit 17 Bit 16 RES MASK_BUCK3_PG_TIMEOUT_IRQ MASK_BUCK3_OC_IRQ MASK_BUCK3_PG_IRQ MASK_BUCK3_IRQ MASK_BUCK2_PG_TIMEOUT_IRQ MASK_BUCK2_OC_IRQ MASK_BUCK2_PG_IRQ Reserved Mask BUCK3 PG timeout interrupt bit Mask BUCK3 over current interrupt bit Mask BUCK3 PG interrupt bit Mask BUCK3 interrupt bit Mask BUCK2 PG timeout interrupt bit Mask BUCK2 over current interrupt bit Mask BUCK2 PG interrupt bit Table 90. DCR6 (0x06) MSB description Bit Name Description 23 RES Reserved 22 MASK_BUCK3_PG_TIMEOUT_IRQ Mask BUCK PG timeout interruption when turned on by SPI command When turned on by a power-up sequence, IRQ is never masked 1: IRQ signal is not generated 0: IRQ signal is generated (default) 21 MASK_BUCK3_OC_IRQ Mask BUCK over current interruption 1: IRQ signal is not generated 0: IRQ signal is generated (default) 20 MASK_BUCK3_PG_IRQ Mask BUCK power-good interruption when turned ON through SPI 1: IRQ signal is not generated 0: IRQ signal is generated when the regulator is turned ON through SPI (default) 19 MASK_BUCK3_IRQ Mask BUCK interruption for over voltage, undervoltage and for buck internal OV or UV in high or low power 1: IRQ signal is not generated 0: IRQ signal is generated (default) 18 MASK_BUCK2_PG_TIMEOUT_IRQ Mask BUCK PG timeout interruption when turned on by SPI command When turned on by power-up sequence, IRQ is never masked 1: IRQ signal is not generated 0: IRQ signal is generated (default) 17 MASK_BUCK2_OC_IRQ Mask BUCK over current interruption 1: IRQ signal is not generated 0: IRQ signal is generated (default) 16 MASK_BUCK2_PG_IRQ reserved Table 91. DCR6 (0x06) Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) 0 (R/W) MASK_BUCK2_IRQ MASK_BUCK1_PG_TIMEOUT_IRQ MASK_BUCK1_OC_IRQ MASK_BUCK1_PG_IRQ MASK_BUCK1_IRQ MASK_FBB_OV_IRQ MASK_FBB_UV_IRQ MASK_FBB_OV_EW_IRQ Mask BUCK2 interrupt bit Mask BUCK1 PG timeout interrupt bit Mask BUCK1 overcurrent interrupt bit Mask BUCK1 PG interrupt bit Mask BUCK1 interrupt bit Mask FBB overvoltage interrupt bit Mask FBB undervoltage interrupt bit Mask FBB overvoltage early warning interrupt bit Table 92. DCR6 (0x06) description Bit Name Description 15 MASK_BUCK2_IRQ Mask BUCK interruption for over voltage, undervoltage and for buck internal OV or UV in high or low power 1: IRQ signal is not generated 0: IRQ signal is generated (default) 14 MASK_BUCK1_PG_TIMEOUT_IRQ Mask BUCK PG timeout interruption when turned on by SPI command When turned on by a power-up sequence, IRQ is never masked 1: IRQ signal is not generated SPSB100 SPI registers DS14640 - Rev 2 page 129/213 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |