Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 121 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 117Page - STMicroelectronics SPSB100PTR Datasheet HTML 118Page - STMicroelectronics SPSB100PTR Datasheet HTML 119Page - STMicroelectronics SPSB100PTR Datasheet HTML 120Page - STMicroelectronics SPSB100PTR Datasheet HTML 121Page - STMicroelectronics SPSB100PTR Datasheet HTML 122Page - STMicroelectronics SPSB100PTR Datasheet HTML 123Page - STMicroelectronics SPSB100PTR Datasheet HTML 124Page - STMicroelectronics SPSB100PTR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 213 page
background image
Bit
Name
Description
Is taken into account as soon the LOW_POWER_SET bit is set to "1"
0: Watchdog is disabled in Low power mode
Is taken into account as soon the LOW_POWER_SET bit is set to "1"
Protected by SPI_PROTECT_ACCESS bit
6
DO_POWER_DOWN
1: Execute power down sequence
Bit is reset after entry in DEEP-SLEEP state
This bit is automatically cleared and always read low
0: No action (default)
Protected by SPI_PROTECT_ACCESS bit
5
U-NVM_PROG
To start a user NVM program
0: No action
Protected by SPI_PROTECT_ACCESS bit
4
DO_POWER_CYCLE
This bit is automatically cleared and always read low
Protected by SPI_PROTECT_ACCESS bit
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 65. DCR2 (0x02) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
-(R0)
-(R0)
1 (R/W)
0 (R/W)
0 (R/W)
- (R0)
0 (R/W)
0 (R/W)
RES
RES
NFSO_ASSERT_LOW
LBIST
ABIST
RES
FCCU_COUNTER_12 FCCU_COUNTER_11
Reserved Reserved
NFSO low bit
Logical
bist
request
bit
Analog
bist
request
bit
Reserved
FCCU counter bit 12
FCCU counter bit 11
Table 66. DCR2 (0x02) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
NFSO_ASSERT_LOW
Force low NFSO pin
Protected by SPI_PROTECT_ACCESS bit
20
LBIST
Logical bist request
This bit is automatically cleared and always read low
Protected by SPI_PROTECT_ACCESS bit
19
ABIST
Analog bist request
This bit is automatically cleared and always read low
Protected by SPI_PROTECT_ACCESS bit
18
RES
Reserved
17
FCCU_COUNTER_12
FCCU counter value selection
Protected by SPI_PROTECT_ACCESS bit
SPSB100
SPI registers
DS14640 - Rev 2
page 121/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com