Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 27 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 27 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 23Page - Microchip Technology WINCS02 Datasheet HTML 24Page - Microchip Technology WINCS02 Datasheet HTML 25Page - Microchip Technology WINCS02 Datasheet HTML 26Page - Microchip Technology WINCS02 Datasheet HTML 27Page - Microchip Technology WINCS02 Datasheet HTML 28Page - Microchip Technology WINCS02 Datasheet HTML 29Page - Microchip Technology WINCS02 Datasheet HTML 30Page - Microchip Technology WINCS02 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 27
Table 2-5. Approved External Antenna List with Antenna Gain for WINCS02 Module (continued)
Antenna
No.
Part Number
Manufacturer
Antenna
Gain (dBi)
Antenna
Type
Regulatory
Certification
FCC/ISED(2)
(3)
CE
5
RFA-02-C2H1-D034
Alead
2
Dipole
x
x
6
RFA-02-D3
Aristotle
2
Dipole
x
x
7
RFDPA870920IMLB301
Walsin
1.84
Dipole
x
x
8
RFDPA870920IMAB302(5)
Walsin
1.82
Dipole
x
x
9
RFDPA870920IMAB305
Walsin
1.82
Dipole
x
x
10
RFDPA870910IMAB308(5)
Walsin
2
Dipole
x
x
11
RFA-02-C2M2
Aristotle
2
Dipole
x
x
12
RN-SMA-S-RP(5)
Microchip
0.56
Dipole
x
x
13
W1049B030(5)
Pulse
2
Dipole
x
x
14
RN-SMA4-RP
Microchip
2.2
Dipole
x
x
Notes: 
1. ‘x’ denotes the antennas covered under the certification.
2. If the end product using the module is designed to have an antenna port that is accessible to the end user, a unique
(non-standard) antenna connector (as permissible by FCC) must be used (for example, RP (Reverse Polarity)-SMA
socket).
3. If an RF coaxial cable is used between the module RF output and the enclosure, a unique (non-standard) antenna
connector must be used in the enclosure wall to interface with the antenna.
4. Contact the antenna vendor for detailed antenna specifications to review the suitability to the end product operating
environment and to identify alternatives.
5. If any of these antennas are used, an additional post-calibration step is required on the customer's application board.
For more details, refer to the WINCS02 Module External Antenna Calibration Guide (DS50003753).
2.8
WINCS02 Module Reflow Profile Information
The WINCS02 Module was assembled using the IPC/JEDEC J-STD-020 standard lead-free reflow
profile. The WINCS02 Module can be soldered to the host board using standard leaded or lead-free
solder reflow profiles. To avoid damaging the module, adhere to the following recommendations:
• For solder reflow recommendations, refer to the AN233 Solder Reflow Recommendation Application
Note (DS00233).
• Do not exceed a peak temperature (TP) of 250°C.
• For specific reflow profile recommendations from the vendor, refer to the Solder Paste Data Sheet.
• Use no-clean flux solder paste.
• Do not wash as moisture can be trapped under the shield.
• Use only one flow. If the PCB requires multiple flows, apply the module on the final flow.
2.8.1
Cleaning
The exposed GND pad helps to self-align the module, avoiding pad misalignment. The
recommendation is to use the no clean solder pastes. Ensure full drying of no-clean paste fluxes as
a result of the reflow process. As per the recommendation by the solder paste vendor, this requires
longer reflow profiles and/or peak temperatures toward the high end of the process window. The
uncured flux residues can lead to corrosion and/or shorting in accelerated testing and possibly the
field.
2.9
WINCS02 Module Assembly Considerations
The WINCS02 Module is assembled with an Electro-Magnetic Interference (EMI) shield to ensure
compliance with EMI emission and immunity rules. The EMI shield is made of a tin-plated steel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com