Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 16 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 16 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 12Page - Microchip Technology WINCS02 Datasheet HTML 13Page - Microchip Technology WINCS02 Datasheet HTML 14Page - Microchip Technology WINCS02 Datasheet HTML 15Page - Microchip Technology WINCS02 Datasheet HTML 16Page - Microchip Technology WINCS02 Datasheet HTML 17Page - Microchip Technology WINCS02 Datasheet HTML 18Page - Microchip Technology WINCS02 Datasheet HTML 19Page - Microchip Technology WINCS02 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 16
Figure 2-7. Basic Connection Diagram of DFU
0R
R12
GND
0R
R11
WINCS02
26
4
10
DFU_TX/STRAP2
DFU_RX/STRAP1
M C L R
2.3.4
Interface with Host Microcontroller
The WINCS02 Module can be interfaced with the host microcontroller through the SPI.
Figure 2-8. WINCS02 Module Host Interface Diagram
WINCS02
HOST MCU
MCLR
SDI1
SDO
SDI
SDO1
CS
CS1
SCK
SCK1
User Button
(Optional)
INTOUT
Pin11 Reserved I/O
Tristate I/O
GPIO
INTIN
2.4
WINCS02 Module Placement Guidelines
• For any Wi-Fi® product, the antenna placement affects the performance of the whole system. The
antenna requires free space to radiate RF signals, and it must not be surrounded by the ground
plane. Thus, for the best PCB antenna performance, it is recommended that the WINCS02PC/E
Module is placed at the edge of the host board.
• The WINCS02PC/WINCS02PE Module ground outline edge must be aligned with the edge of the
host board ground plane as shown in the following figure.
• A low-impedance ground plane for the WINCS02 Module ensures the best radio performance
(best range and lowest noise). The ground plane can be extended beyond the minimum
recommendation as required for the host board EMC and noise reduction.
• For the best performance, keep metal structures and components (such as mechanical spacers,
bump-on and so on) at least 31.75 mm away from the PCB trace antenna as illustrated in the
following figure.
• The antenna on the WINCS02 Module must not be placed in direct contact with or in close
proximity to plastic casing or objects. Keep a minimum clearance of 10 mm in all directions
around the PCB antenna as shown in the following figure. Keeping metallic and plastic objects
close to the antenna can detune the antenna and reduce the performance of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com