Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 63 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 63 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 59Page - Microchip Technology WINCS02 Datasheet HTML 60Page - Microchip Technology WINCS02 Datasheet HTML 61Page - Microchip Technology WINCS02 Datasheet HTML 62Page - Microchip Technology WINCS02 Datasheet HTML 63Page - Microchip Technology WINCS02 Datasheet HTML 64Page - Microchip Technology WINCS02 Datasheet HTML 65Page - Microchip Technology WINCS02 Datasheet HTML 66Page - Microchip Technology WINCS02 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 63
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15 of
the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in a residential
installation. This equipment generates, uses and can radiate radio frequency energy, and if not installed and used in
accordance with the instructions, may cause harmful interference to radio communications. However, there is no guarantee
that interference will not occur in a particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct
the interference by one or more of the following measures:
•
Reorient or relocate the receiving antenna
•
Increase the separation between the equipment and receiver
•
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected
•
Consult the dealer or an experienced radio/TV technician for help
Additional information on labeling and user information requirements for Part 15 devices can be
found in KDB Publication 784748, which is available at the FCC Office of Engineering and Technology
(OET) Laboratory Division Knowledge Database (KDB) apps.fcc.gov/oetcf/kdb/index.cfm.
5.1.2
RF Exposure
All transmitters regulated by FCC must comply with RF exposure requirements. KDB 447498 General
RF Exposure Guidance provides guidance in determining whether proposed or existing transmitting
facilities, operations or devices comply with limits for human exposure to Radio Frequency (RF)
fields adopted by the Federal Communications Commission (FCC).
From the FCC Grant: Output power listed is conducted. This grant is valid only when the module is
sold to OEM integrators and must be installed by the OEM or OEM integrators. This transmitter is
restricted for use with the specific antenna(s) tested in this application for Certification and must
not be co-located or operating in conjunction with any other antenna or transmitters within a host
device, except in accordance with FCC multi-transmitter product procedures.
WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE: These modules are approved for installation into
mobile or/and portable host platforms.
5.1.3
Approved Antenna Types
To maintain modular approval in the United States, only the tested antenna types are used. It is
permissible to use different antenna, provided the same antenna type, antenna gain (equal to or
less than), with similar in-band and out-of band characteristics (refer to specification sheet for cutoff
frequencies).
For the WINCS02PC/PE, the approval is received using the integral PCB antenna.
For the WINCS02UC/UE, approved antennas are listed in the WINCS02 Module Approved External
Antenna.
5.1.4
Helpful Web Sites
• Federal Communications Commission (FCC): www.fcc.gov.
• FCC Office of Engineering and Technology (OET) Laboratory Division Knowledge Database (KDB)
apps.fcc.gov/oetcf/kdb/index.cfm.
5.2
Canada
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have been certified for use in
Canada under Innovation, Science and Economic Development Canada (ISED, formerly Industry
Canada) Radio Standards Procedure (RSP) RSP-100, Radio Standards Specification (RSS) RSS-Gen and
RSS-247. Modular approval permits the installation of a module in a host device without the need to
recertify the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com