Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 12 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 12 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 8Page - Microchip Technology WINCS02 Datasheet HTML 9Page - Microchip Technology WINCS02 Datasheet HTML 10Page - Microchip Technology WINCS02 Datasheet HTML 11Page - Microchip Technology WINCS02 Datasheet HTML 12Page - Microchip Technology WINCS02 Datasheet HTML 13Page - Microchip Technology WINCS02 Datasheet HTML 14Page - Microchip Technology WINCS02 Datasheet HTML 15Page - Microchip Technology WINCS02 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 12
Table 2-2. WINCS02 Module Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Pin Description
2
I2C_SCL
I
I2C clock connected to Trust&GO device. Recommended to
connect external pull-up resistor of 1.2K on the host board
for WINCS02PC and WINCS02UC devices.
3
I2C_SDA
I/O
I2C data connected to Trust&GO device. Recommended to
connect external pull-up resistor of 1.2K on the host board
for WINCS02PC and WINCS02UC devices.
4
MCLR
I
Master Clear Reset Input (Active low)
5
PTA_WLAN_ACTIVE
O
PTA interface, WLAN Active indication output to Bluetooth®
Coexistence device
6
PTA_BT_PRIO
I
PTA interface, Bluetooth Coexistence device priority
indication input to WINCS02
7
Reserved
I/O
Reserved pin
Do not connect.
8
NC
—
No connection
9
GND
P
Ground
10
DFU_RX/STRAP1
I
Device Firmware Update, receive signal
Host interface configuration, Strapping1 pin. For more details
on exact configuration, refer to Table 2-3.
11
Reserved(5)
—
Reserved pin
Connect to an I/O pin (tri-stated) of a host device or to an
external switch for future use.
12
GND
P
Ground
13
INTOUT
O
Interrupt request (Active low) from the Wi-Fi® module
14
UART1_TX(4)
O
Used for external antenna calibration
Connect this signal to a test point or a pin header.
15
SDI1
I
SPI1, Serial Data In
Connect to Serial Data Out of the host device
16
CS1
I
SPI1, Chip Select (Active low)
Connect to the Chip Select of host device
17
SDO1
O
SPI1, Serial Data Out
Connect to the Serial Data In of the host device
18
SCK1
I
SPI1, Serial Clock
Connect to the Serial Clock of the host device
19
UART1_RX(4)
I
Used for external antenna calibration
Connect this signal to a test point or a pin header.
20
VDD
P
VDD power supply (3.0-3.6V)
21
RTCC_OSC_IN/
PTA_BT_ACTIVE(1)(3)
I
32.768 KHz RTCC Oscillator input
PTA interface, Bluetooth Coexistence device active indication
input to WINCS02
22
RTCC_OSC_OUT(3)
O
32.768 KHz RTCC Oscillator output
23
VDDIO
P
I/O power supply (3.0-3.3V)
24
TP
P
PMU Output Test point: 1.5V(2)
25
NC
—
No connection
26
DFU_TX/STRAP2
O
Device Firmware Update, transmit signal
I
Host interface configuration, Strapping2 pin. For more details
on exact configuration, refer to the Table 2-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com