Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 8 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 8 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 4Page - Microchip Technology WINCS02 Datasheet HTML 5Page - Microchip Technology WINCS02 Datasheet HTML 6Page - Microchip Technology WINCS02 Datasheet HTML 7Page - Microchip Technology WINCS02 Datasheet HTML 8Page - Microchip Technology WINCS02 Datasheet HTML 9Page - Microchip Technology WINCS02 Datasheet HTML 10Page - Microchip Technology WINCS02 Datasheet HTML 11Page - Microchip Technology WINCS02 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 8
2.1
Pin Details of WINCS02IC
This section provides details on pin diagrams and the pinout table of WINCS02IC.
Figure 2-2. WINCS02IC Pin Diagram
37
46
45
44
43
42
41
40
39
38
47
48
WINCS02IC
54
49
RXR_LNA1_VDD15
TRS_RF
TXR_HPA_VDD33
TXR_HPA_VDD33
TXR_PPA_VDD33
BB_VDD15
MSB_EXTRA_48K
DFU_RX/STRAP1
DFU_TX/STRAP2
36
25
26
27
28
29
31
32
33
34
35
RXR_LNA2_VDD15
TXR_UMX_VDD15
30
MCLR
13
24
23
22
21
20
19
18
17
16
15
14
SDI1
VDDIO
SDO1
1
2
3
4
5
6
7
8
12
11
10
9
CS1
PMU_VDDIO/PMU_VDDC
I2C_SCL1
UART2_TX
VDD15
INTOUT
SCK1
UART1_RX
(1)
UART1_TX
Table 2-1. WINCS02IC Pinout Table
Pin Number
Pin Name
Pin Type
Description
1
PMU_VDDIO/ PMU_VDDC P
Input power supply to the on-chip PMU I/O and PMU Core
section (3.0V-3.6V, 3.3V typical)
2
VDD15
P
1.5V input supply voltage
Connect to 1.5V on-chip PMU output
3
SCK1
I
SPI1, Serial Clock
Connect to the Serial Clock of the host device
4
UART1_RX(6)
I
Used for external antenna calibration
Connect this signal to a test point or a pin header
5
SDO1
O
SPI1, Serial Data Out
Connect to the Serial Data In of the host device
6
CS1
I
SPI1, Chip Select (Active low)
Connect to the Chip Select of the host device
7
VDDIO
P
Input supply voltage to I/O Port (3.0-3.6V, 3.3V typical)
8
SDI1
I
SPI1, Serial Data In
Connect to Serial Data Out of the host device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com