Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 64 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 64 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 60Page - Microchip Technology WINCS02 Datasheet HTML 61Page - Microchip Technology WINCS02 Datasheet HTML 62Page - Microchip Technology WINCS02 Datasheet HTML 63Page - Microchip Technology WINCS02 Datasheet HTML 64Page - Microchip Technology WINCS02 Datasheet HTML 65Page - Microchip Technology WINCS02 Datasheet HTML 66Page - Microchip Technology WINCS02 Datasheet HTML 67Page - Microchip Technology WINCS02 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 64
5.2.1
Labeling and User Information Requirements
Labeling Requirements (from RSP-100 - Issue 12, Section 5): The host product shall be properly
labeled to identify the module within the host device.
The Innovation, Science and Economic Development Canada certification label of a Module shall be
clearly visible at all times when installed in the host device; otherwise, the host product must be
labeled to display the Innovation, Science and Economic Development Canada certification number
of the module, preceded by the word “Contains” or similar wording expressing the same meaning,
as follows:
For the WINCS02PC/WINCS02PE Module Contains IC: 20266-WIXCS02
For the WINCS02UC/WINCS02UE Module Contains IC: 20266-WIXCS02U
User Manual Notice for License-Exempt Radio Apparatus (from Section 8.4 RSS-Gen, Issue 5,
February 2021): User manuals for license-exempt radio apparatus shall contain the following or
equivalent notice in a conspicuous location in the user manual or alternatively on the device or both:
This device contains license-exempt transmitter(s)/receiver(s) that comply with Innovation, Science and Economic
Development Canada’s license-exempt RSS(s). Operation is subject to the following two conditions:
(1) This device may not cause interference;
(2) This device must accept any interference, including interference that may cause undesired operation of the
device.
L’émetteur/récepteur exempt de licence contenu dans le présent appareil est conforme aux CNR d’Innovation,
Sciences et Développement économique Canada applicables aux appareils radio exempts de licence. L’exploitation
est autorisée aux deux conditions suivantes:
1. L’appareil ne doit pas produire de brouillage;
2. L’appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est susceptible d’en
compromettre le fonctionnement.
Transmitter Antenna (From Section 6.8 RSS-GEN, Issue 5, February 2021): User manuals, for
transmitters shall display the following notice in a conspicuous location:
This radio transmitter IC: 20266-20266-WIXCS02 and IC: 20266-20266-WIXCS02U have been approved by Innovation,
Science and Economic Development Canada to operate with the antenna types listed below, with the maximum
permissible gain indicated. Antenna types not included in this list that have a gain greater than the maximum gain
indicated for any type listed are strictly prohibited for use with this device.
Le présent émetteur radio IC: 20266-20266-WIXCS02 and IC: 20266-20266-WIXCS02U a été approuvé par Innovation,
Sciences et Développement économique Canada pour fonctionner avec les types d'antenne énumérés cidessous et
ayant un gain admissible maximal. Les types d'antenne non inclus dans cette liste, et dont le gain est supérieur
au gain maximal indiqué pour tout type figurant sur la liste, sont strictement interdits pour l'exploitation de
l'émetteur.
Immediately following the above notice, the manufacturer shall provide a list of all antenna types
approved for use with the transmitter, indicating the maximum permissible antenna gain (in dBi)
and required impedance for each.
5.2.2
RF Exposure
All transmitters regulated by Innovation, Science and Economic Development Canada (ISED)
must comply with RF exposure requirements listed in RSS-102 - Radio Frequency (RF) Exposure
Compliance of Radiocommunication Apparatus (All Frequency Bands).
This transmitter is restricted for use with a specific antenna tested in this application for
certification, and must not be co-located or operating in conjunction with any other antenna or
transmitters within a host device, except in accordance with Canada multi-transmitter product
procedures.
WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE: The device operates at an output power level
which is within the ISED SAR test exemption limits at any user distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com