Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 15 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 15 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 11Page - Microchip Technology WINCS02 Datasheet HTML 12Page - Microchip Technology WINCS02 Datasheet HTML 13Page - Microchip Technology WINCS02 Datasheet HTML 14Page - Microchip Technology WINCS02 Datasheet HTML 15Page - Microchip Technology WINCS02 Datasheet HTML 16Page - Microchip Technology WINCS02 Datasheet HTML 17Page - Microchip Technology WINCS02 Datasheet HTML 18Page - Microchip Technology WINCS02 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 15
Figure 2-5. Recommended Module Power Supply Connections
VDD
VDDIO
WINCS02
0.1 µF
4.7 µF
GND
GND
C1
C2
The value of the C1 and C2 capacitors may vary based on the application requirements and source
of supply voltage. The C1 and C2 capacitors must be placed close to the pin.
2.3.2
Master Clear (MCLR) Pin
The MCLR pin works as a device Reset.
Pulling the MCLR pin low generates a device Reset. The basic connection and interface diagram of
the module illustrates a typical MCLR circuit. See the Module Basic Connection and Interface Diagram
in the Basic Connection Requirement from Related Links.
Figure 2-6. Example of MCLR Pin Connections
R1
(1)
10k
VDD
MCLR
0
0.1 µF
R
C
WINCS02
Note: 
1. The capacitor can be sized to prevent unintentional Resets from brief glitches or to extend the
device Reset period during POR.
Related Links
Basic Connection Requirement
2.3.3
Device Firmware Update
The WINCS02 Module is available for purchase with pre-programmed firmware. Microchip
periodically releases the firmware to fix reported issues or to implement the latest feature support.
There are two ways to perform a regular firmware update:
1. Serial DFU command-based update over UART
2. Host-assisted Over-the-Air (OTA) update
Note: For the serial DFU and OTA programming guidance, refer to the WINCS02 Application
Developer’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com