Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02 Datasheet(PDF) 44 Page - Microchip Technology

Part # WINCS02
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02 Datasheet(HTML) 44 Page - Microchip Technology

Back Button WINCS02 Datasheet HTML 40Page - Microchip Technology WINCS02 Datasheet HTML 41Page - Microchip Technology WINCS02 Datasheet HTML 42Page - Microchip Technology WINCS02 Datasheet HTML 43Page - Microchip Technology WINCS02 Datasheet HTML 44Page - Microchip Technology WINCS02 Datasheet HTML 45Page - Microchip Technology WINCS02 Datasheet HTML 46Page - Microchip Technology WINCS02 Datasheet HTML 47Page - Microchip Technology WINCS02 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
WINCS02IC and WINCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 44
3.2.3.1 Wi-Fi® Current Consumption
Table 3-19. Wi-Fi® Current Consumption DC Electrical Specifications
DC Characteristics(1)(2)
Standard Operating Conditions: VDD=VDDIO=3.0V to 3.6V
(unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param.
No.
Symbol Device States
Code Rate
Output
Power
(Typ.)
(dBm)
Current
(Typ.) (mA)(2)
Max.
Units Conditions
IWF_TX
IDD
On_Transmit
802.11b 1 Mbps(4)
19
304
—
mA
VDD = VDDIO = 3.3V
802.11b 1 Mbps(4)
13
270
—
802.11b 11 Mbps(3)
20
311
—
802.11g 6 Mbps(4)
19
310
—
802.11g 54 Mbps(3)
17
274
—
802.11n MCS0(4)
18
300
—
802.11n MCS7(3)
17
273
—
802.11n MCS7(4)
11
252
—
IWF_RX
IDD
On_Receive
802.11b 1 Mbps(4)
—
92
—
802.11n MCS7(3)
—
98
Notes: 
1. Tested on channel 7 using an internal test firmware that provides manual control of data rate. In the Application mode
firmware, the data rate is selected automatically based on the RSSI and other variables.
2. Data in the “Typ.” column is at 3.3V, 25°C unless otherwise stated.
3. These parameters are tested in manufacturing.
4. These parameters are characterized but not tested in manufacturing.
3.2.4
WINCS02 Module Radio Specifications
Table 3-20. WINCS02 Module Radio Specifications
Feature
Description
WLAN standards
IEEE® 802.11b, IEEE 802.11g, and IEEE 802.11n
Frequency range
2.412 GHz ~ 2.472 GHz (2400 ~ 2483.5 MHz ISM band)
Number of channels
11 for North America and 13 for Europe and Japan
3.2.4.1 WINCS02 Module Receiver Performance
Table 3-21. WINCS02 Module Receiver Performance Characteristics(1)
RF Characteristics
Standard Operating Conditions: VDD=VDDIO=3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param. No.
Characteristics
Description(5)
Min.
Typ
Max.
Units
WF_RX_1
Frequency
—
2412
—
2472
MHz
WF_RX_2
Sensitivity 802.11b
1 Mbps DSSS
—
-97
—
dBm
2 Mbps DSSS
—
-93
—
5.5 Mbps DSSS
—
-92
—
11 Mbps DSSS(6)
—
-88
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com