Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09XE Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 51Page - STMicroelectronics STM32WB09XE Datasheet HTML 52Page - STMicroelectronics STM32WB09XE Datasheet HTML 53Page - STMicroelectronics STM32WB09XE Datasheet HTML 54Page - STMicroelectronics STM32WB09XE Datasheet HTML 55Page - STMicroelectronics STM32WB09XE Datasheet HTML 56Page - STMicroelectronics STM32WB09XE Datasheet HTML 57Page - STMicroelectronics STM32WB09XE Datasheet HTML 58Page - STMicroelectronics STM32WB09XE Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tw(SCKH)
SCK high and low time
Master mode
1 / fPCLK - 1.5
1 / fPCLK
1 / fPCLK+1
ns
tw(SCKL)
1 / fPCLK- 1.5
1 / fPCLK
1 / fPCLK+1
tsu(MI)
Data input set-up time
Master mode
2
-
-
tsu(SI)
Data input set-up time
Slave mode
1
-
-
th(MI)
Data input hold time
Master mode
2
-
-
th(SI)
Data input hold time
Slave mode
0
-
-
ta(SO)
Data output access time
Slave mode
6
-
30
tdis(SO)
Data output disable time
Slave mode
6
-
32
tv(MO)
Data output valid time
Master mode
-
5
9
tv(SO)
Slave mode
-
12
35
th(MO)
Data output hold time
Master mode
1
-
-
th(SO)
Slave mode
6
-
1. The maximum frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI), which has to fit SCK low
or high phase preceding the SCK sampling edge. This value can be achieved when the SPI communicates with a master
having tsu(MI) = 0 while duty(SCK) = 50 %.
Figure 14. SPI timing diagram - slave mode and CPHA = 0
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 55/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com