Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09XE Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 55Page - STMicroelectronics STM32WB09XE Datasheet HTML 56Page - STMicroelectronics STM32WB09XE Datasheet HTML 57Page - STMicroelectronics STM32WB09XE Datasheet HTML 58Page - STMicroelectronics STM32WB09XE Datasheet HTML 59Page - STMicroelectronics STM32WB09XE Datasheet HTML 60Page - STMicroelectronics STM32WB09XE Datasheet HTML 61Page - STMicroelectronics STM32WB09XE Datasheet HTML 62Page - STMicroelectronics STM32WB09XE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Table 45. VFQFPN32 - Mechanical data
Symbol
Millimetres
Inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0
-
0.05
0
-
0.0020
A3
-
0.20
-
-
0.008
-
b
0.18
0.25
0.30
0.0070
0.0098
0.0118
D
4.90
5.00
5.10
0.1929
0.19
0.2008
E
4.90
5.00
5.10
0.1929
0.19
0.2008
D2
3.60
3.70
3.80
0.1417
0.1457
0.1496
E2
3.60
3.70
3.80
0.1417
0.1457
0.1496
e
-
0.50
-
-
0.0197
-
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
ddd
-
-
0.05
-
-
0.0020
1. Values in inches are converted from mm and rounded to 3 decimal digits.
2. VFQFPN stands for thermally Enhanced very thin fine pitch quad flat package No lead . Very thin profile 0.80 < A ≤ 1.00
mm.
Figure 18. VFQFPN32 - Footprint example
3.50
0.80
0.25
0.50
0.25
3.50
5.70
4.10
0.30
STM32WB09xE
Package information
DS14210 - Rev 6
page 59/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com