Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WB09XE Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 59Page - STMicroelectronics STM32WB09XE Datasheet HTML 60Page - STMicroelectronics STM32WB09XE Datasheet HTML 61Page - STMicroelectronics STM32WB09XE Datasheet HTML 62Page - STMicroelectronics STM32WB09XE Datasheet HTML 63Page - STMicroelectronics STM32WB09XE Datasheet HTML 64Page - STMicroelectronics STM32WB09XE Datasheet HTML 65Page - STMicroelectronics STM32WB09XE Datasheet HTML 66Page - STMicroelectronics STM32WB09XE Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
7.3.1
Device marking example for WLCSP36
The following figure gives an example of topside marking versus pin 1 position identifier location. The printed
markings may differ depending on the supply chain. Other optional marking or inset/upset marks, which depend
on supply chain operations, are not indicated below.
Figure 21. WLCSP36 marking example (package top view)
Dot
Product identification(1)
Y
WW
Revision code
Date code
1. Parts marked as “ES”, “E” or accompanied by an engineering sample notification letter, are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting from
such use. In no event will ST be liable for the customer using any of these engineering samples in production.
ST’s Quality department must be contacted prior to any decision to use these engineering samples to run a
qualification activity.
STM32WB09xE
Package information
DS14210 - Rev 6
page 63/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com