Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Feature Description
Power-Down or Under voltage Lockout (UVLO)
The DIO5081 is in power down mode if the IN terminal voltage is less than UVLO. The part is considered “dead”
and all the terminals are high impedance. Once the IN voltage rises above the UVLO threshold the IC will enter
Sleep Mode or Active mode depending on the BAT terminal (battery) voltage.
Power-up
The IC is alive after the IN voltage ramps above UVLO (see sleep mode), resets all logic and timers, and starts
to perform many of the continuous monitoring routines. Typically the input voltage quickly rises through the
UVLO and sleep states where the IC declares power good, starts the qualification charge at 100mA, sets the
input current limit threshold base on the ISET2 terminal, starts the safety timer and enables the /CHG terminal.
Sleep Mode
If the IN terminal voltage is between than VBAT+VDT and UVLO, the charge current is disabled, the safety timer
counting stops (not reset) and the /PG and /CHG terminals are high impedance. As the input voltage rises and
the charger exits sleep mode, the /PG terminal goes low, the safety timer continues to count, charge is enabled
and the /CHG terminal returns to its previous state.
New Charge Cycle
A new charge cycle is started when a good power source is applied, performing a chip disable/enable (TS
terminal), exiting Termination and Timer Disable Mode (TTDM), detecting a battery insertion or the BAT voltage
drop terminal goes below the VRCH threshold. The /CHG terminal is active low only during the charge cycle.
Overvoltage-Protection (OVP) – Continuously Monitored
If the input source applies an overvoltage, the pass FET, if previously on, turns off after a deglitch, tBLK(OVP). The
timer ends and the /CHG and /PG terminal goes to a high impedance state. Once the overvoltage returns to a
normal voltage, the /PG terminal goes low, timer continues, charge continues and the /CHG terminal goes low
after a 25ms deglitch.
Power Good Indication (/PG)
PG PIN is an internal open drain FET output that becomes highly resistant when UVLO or OVP occurs in VIN
and TS is disabled. The rest are low-resistivity output path to ground.
/CHG Terminal Indication
The charge terminal has an internal open drain FET which is on (pulls down to VSS) during the charge only
(independent of TTDM) and is turned off once the battery reaches voltage regulation and the charge current
tapers to the termination threshold set by the PRE-TERM resistor. The charge terminal is high impedance in
sleep mode.
Cycling input power, pulling the TS terminal low and releasing or entering trickle-charge mode causes the
/CHG terminal to go reset (go low if power is good and a discharged battery is attached) and is considered the
start of charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com