Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Detailed Description
Overview
The DIO5081 is a highly integrate single cell Li-Ion and Li-Pol charger. The charger can be used to charge a
battery, power a system or both. The charger has three phases of charging: trickle-charge to recover a fully
discharged battery, constant current charge to supply the buck charge safely and voltage regulation to safely
reach full capacity. The charger is very flexible, allowing programming of the constant-charge current and
Trickle-charge/Termination Current. This charger is designed to work with a USB connection or Adaptor (DC
out). The charger also checks to see if a battery is present.
The charger also comes with a full set of safety features: JEITA Temperature Standard, Over-Voltage
Protection, DPM-IN and Safety Timers. All of these features and more are described in detail below.
The charger is designed for a single power path from the input to the output to charge a single cell Li-Ion or
Li-Pol battery pack. Upon application of a 5VDC power source the ISET and BAT short checks are performed
to assure a proper charge cycle.
If the battery voltage is below the LOWV threshold, the battery is considered discharged and a preconditioning
cycle begins. The amount of Trickle current can be programmed using the PRE-TERM terminal which
programs a percent of constant charge current (10 to 40%) as the Trickle current. This feature is useful when
the system load is connected across the battery “stealing” the battery current. The trickle current can be set
higher to account for the system loading while allowing the battery to be properly conditioned. The PRE-TERM
terminal is a dual function terminal which sets the trickle current level and the termination threshold level. The
termination "current threshold" is always half of the trickle programmed current level.
Once the battery voltage has charged to the VLOWV threshold, constant current charge is applied. The constant
current is programmed using the ISET terminal. The constant current provides the bulk of the charge. Power
dissipation in the IC is greatest in constant charge with a lower battery voltage. If the IC reaches 125°C the IC
enters thermal regulation, slows the timer clock by half and reduce the charge current as needed to keep the
temperature from rising any further.
Once the cell has charged to the regulation voltage the voltage loop takes control and holds the battery at the
regulation voltage until the current tapers to the termination threshold. The termination can be disabled if
desired. The /CHG terminal is low (LED on) during the charge cycle only and turns off once the termination
threshold is reached, regardless if termination, for charge current, is enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com