Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Device Functional Modes
/CHG and /PG LED Pull-up Source
For host monitoring, a pull-up resistor is used between the "STATUS" terminal and the VCC of the host and for
a visual indication a resistor in series with an LED is connected between the "STATUS" terminal and a power
source. The /CHG or /PG source is capable of exceeding 8 V. If the source is the BAT terminal, note that as the
battery changes voltage, and the brightness of the LEDs vary.
Charging State
/CHG FET/LED
Charge after VIN applied
ON
Refresh Charge
OVP
OFF
SLEEP
VIN Power Good State
/PG FET/LED
UVLO
OFF
SLEEP Mode
OVP Mode
TS_disable
Normal Input
(VBAT + VDT < VIN < VOUP)
ON
IN-DPM (VIN-DPM or IN-DPM)
The IN-DPM feature is used to detect an input source voltage that is folding back, reaching its current limit due
to excessive load. When the input voltage drops to the VIN-DPM threshold the internal pass FET starts to reduce
the current until there is no further drop in voltage at the input. This would prevent a source with voltage less
than VIN-DPM to power the BAT terminal. This works well with current limited adaptors and USB ports as long as
the nominal voltage is 4.4V. This is an added safety feature that helps protect the source from excessive loads.
BAT
The Charger’s BAT terminal provides current to the battery and to the system, if present. This IC can be used to
charge the battery plus power the system, charge just the battery or just power the system (TTDM) assuming
the loads do not exceed the available current. The BAT terminal is a current limited source and is inherently
protected against shorts. If the system load ever exceeds the output programmed current threshold, the output
will be discharged unless there is sufficient capacitance or a charged battery present to supplement the
excessive load.
ISET
An external resistor is used to Program the Output Current (50 to 600mA) and can be used as a current
monitor.
IBAT = (1V / RISET)*450
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com