Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5081LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Electrical Characteristics
Over junction temperature range 0°C ≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INPUT
UVLO
Under voltage lock-out Exit
VIN: From Low to High
2.94
3.1
3.21
V
VHYS_UVLO
Hysteresis
180
mV
VIN_DT
Input power good detection
threshold is VBAT+VIN_DT
(Input power good if VIN >
VBAT + VIN-DT);
VBAT = 3.6 V,
VIN:3.5 V → 4 V
120
mV
VHYS-INDT
Hysteresis on VIN-DT falling
80
mV
VOVP
Input over-voltage protection
threshold
VIN: 5 V → 12 V
6.5
6.7
7.14
V
VHYS-OVP
Hysteresis on OVP
VIN: 12 V → 5 V
200
mV
VIN-DPM
USB/Adaptor low input voltage
protection. Restricts lBAT at
VIN_DPM
Limit Input Source
Current to 50 mA;
VBAT = 3.5 V; RISET =2 KΩ
4.44
4.55
4.61
V
IIN-USB-CL
USB input I-Limit 100mA
ISET2 = Float;
RISET =1 KΩ
75
90
105
mA
USB input I-Limit 500mA
ISET2 = High;
RISET =1KΩ
400
445
490
BATTERY SHORT PROTECTION
VBAT(SC)
BAT terminal short-circuit
detection threshold/trickle
charge threshold
VBAT:3 V → 0.5 V, no
deglitch
0.75
0.8
0.85
V
VBAT(SC-HYS)
BAT terminal Short hysteresis
Recovery ≥ VBAT(SC) +
VBAT(SC-HYS); Rising, no
Deglitch
20
mV
IBAT(SC)
Source current to BAT terminal
during short-circuit detection
10
mA
QUIESCENT CURRENT
IBAT(PDWN)
Battery current into BAT
terminal
VIN = 0 V
1
μA
IBAT(DONE)
BAT terminal current, charging
terminated
VIN = 6 V,
VBAT > VBAT(REG)
1
IIN(STDBY)
Standby current into IN terminal
TS = Low, VIN ≤ 6 V
125
μA
ICC
Active supply current, IN
terminal
TS = open, VIN = 6 V, TTDM
– no load on BAT
terminal,
VBAT > VBAT(REG), IC
enabled
0.4
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com