Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
TRICKLE CHARGE – SET BY PRE-TERM PIN
tDGL1(LOWV)
Deglitch time on Trickle current
to constant current transition
70
μs
tDGL2(LOWV)
Deglitch time on constant
current to trickle current
transition
32
ms
tDGL(TERM)
Deglitch time, termination
detected
30
ms
RECHARGE OR REFRESH
tDGL1(RCH)
Deglitch time, recharge
threshold detected
VIN = 5 V, VTS = 0.5 V,
VBAT: 4.25 V → 3.5 V in
1μs;tDGL(RCH) is time to
ISET ramp
29
ms
tDGL2(RCH)
Deglitch time, recharge
threshold detected in
BAT-Detect Mode
VIN = 5 V, VTS = 0.5 V,
VBAT = 3.5 V inserted;
tDGL(RCH) is time to ISET
ramp
150
us
BATTERY CHARGING TIMERS AND FAULT TIMERS
TTRICKLE-CHG
Trickle safety timer value
Restarts when entering
Trickle charge; Always
enabled when in Trickle
charge.
1700
1940
2250
s
tMAXCH
Charge safety timer value
Clears fault or resets at
UVLO, TS disable, BAT
Short, exiting LOWV and
Refresh
34000
38800
45000
s
BATTERY-PACK NTC MONITOR; TS Terminal
tDGL(TTDM)
Deglitch exit TTDM between
states
57
ms
Deglitch enter TTDM between
states
400
μs
tDGL(TS_10°C)
Deglitch for TS thresholds:
10°C.
Normal to Cold Operation;
VTS: 0.6 V → 1 V
50
ms
Cold to Normal Operation;
VTS: 1 V → 0.6 V
20
ms
tDGL(TS)
Deglitch for TS thresholds:
0/45°C.
Battery charging
30
ms
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com