Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5081LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Parameter
Rating
Unit
Input Voltage
IN (with respect to VSS)
-0.3 to 36
V
BAT (with respect to VSS)
-0.3 to 7
PRE TERM, ISET, ISET2, TS, /CHG,
/PG (with respect to VSS)
-0.3 to 7
Input Current
IN
800
mA
Output Current
(Continuous)
BAT
800
mA
Output Sink Current
/CHG
15
mA
Junction Temperature
-40 to 150
°C
Storage Temperature
-65 to 150
°C
Package Thermal Resistance
ӨJA
63.5
°C/W
ESD
Human-body model (HBM)
±6000
V
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding
them or designing to absolute maximum ratings.
Symbol
Parameter
Min
Max
Unit
VIN
IN voltage range
3.5
32
V
IN operating voltage range, Restricted by VDPM and VOVP
4.6
6.5
V
IIN
Input current, IN terminal
600
mA
IBAT
Current, BAT terminal
600
mA
TJ
Junction temperature
0
125
°C
RPRE TERM
Programs trickle charge and termination current thresholds
1
10
kΩ
RISET
Constant charge current programming resistor
0.5
20
kΩ
RTS
10k NTC thermistor range without entering TTDM
1.66
500
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com