Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5081LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
BATTERY CHARGER CONSTANT-CHARGE
VBAT(REG)
Battery regulation voltage
VIN = 5 V,
(VTS-45°C≤ VTS ≤ VTS-0°C)
4.32
4.35
4.38
V
IBAT_(RANGE)
Programmed output “constant
charge” current
VBAT(REG) > VBAT > VLOWV;
VIN = 5 V, ISET2=Low,
RISET = 9 KΩ to 0.75 KΩ
50
600
mA
VDO(IN-BAT)
Drop-out, VIN – VBAT
Adjust VIN down until IBAT
= 0.5 A,
VBAT = 4.2 5V,
RISET = 1 KΩ ,
ISET2 = Low;
TJ ≤ 100°C
325
500
mV
IBAT
Output “constant current”
formula
VBAT(REG) > VBAT > VLOWV;
VIN = 5 V,
ISET2 = Low
(1V/RISET)*450
A
Trickle Current – SET BY PRE-TERM terminal
VLOWV
Trickle current to constant
current charge transition
threshold
2.48
2.56
2.68
V
ITrickle
Trickle current, default setting
VBAT < VLOWV;
RISET = 1 kΩ;
RPRE-TERM= High Z
18
24
28
%IBAT-CC
Trickle current, formula
IBAT*100u*RPRE-TERM / 1
mA
TERMINATION – SET BY PRE-TERM terminal
Terminal
Termination Threshold Current,
default setting
VBAT > VRCH;
RISET = 1 kΩ;
RPRE-TERM= High Z
9
12
14
%IBAT-CC
Termination Current Threshold
Formula
(IBAT*50u*RPRE-TERM / 1)+10
mA
IPRE-TERM
Current for programming the
term. and Trickle with resistor.
ITerm-Start is the initial PRE-TERM
current.
RPRE-TERM = 2kΩ,
VBAT = 4.25V
45
50
55
μA
RECHARGE OR REFRESH
VRCH
Recharge detection threshold –
Normal Temp
VIN = 5 V, VTS = 0.5 V,
VBAT: 4.35 V → VRCH
VO(REG)
-0.2
VO(REG)
-0.15
VO(REG)
-0.1
V
BATTERY-PACK NTC MONITOR; TS Terminal
INTC-10k
NTC bias current
VTS = 0.3V
48
50
52
μA
VTTDM(TS)
Termination and timer disable
mode Threshold – Enter
VTS: 1.5 V → 4 V;
Timer Held in Reset
3.7
3.8
3.9
V
VHYS-TTDM(TS)
Hysteresis
100
mV
VCLAMP(TS)
TS maximum voltage clamp
VTS = Open (Float)
VIN
V
VTS-0°C
Low temperature CHG Pending
Low Temp Charging to
1.384
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com