Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO5081LP10 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO5081LP10
Description  Auto Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5081LP10 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5081LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO5081LP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DIO5081
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO5081• Rev.1.4
Typical Applications
IBAT_CONSTANT_CHG = 500 mA; IBAT_TRICKLE_CHG = 100 mA; IBAT_TERM = 50 mA
Figure 3. Typical Applications
Design Requirements
• Supply voltage = 5 V
• Constant charge current: IBAT = 500mA; ISET ≈ 910 Ω
• Termination Current Threshold: ITERM = 50mA; RPRE-TERM = 1.6 KΩ
• Trickle-Charge Current by default is twice the termination Current or ~100 mA
• TS – Battery Temperature Sense = 10k NTC (β = 3435)
Detailed Design Procedures
Calculations
Program the Constant Charge Current, ISET :
RISET = [450*1V / IBAT]
(4)
Program the Termination Current Threshold, ITERM :
RPRE_TERM = ( ITrickle / IBAT) *(1V/100uA)
(5)
RPRE_TERM= ( ITERM-10mA) / (IBAT *50uA)
(6)
TS Function
Use a 10K NTC thermistor in the battery pack.
To disable the temperature sense function, use a fixed 10K resistor between the TS (terminal 1) and Vss.
/CHG and /PG
LED Status: connect a 1.5K resistor in series with a LED between the BAT terminal and the /CHG terminal.
Connect a 1.5K resistor in series with a LED between the BAT terminal and the /PG terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com