Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7058 Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 31Page - ams-OSRAM AG AS7058 Datasheet HTML 32Page - ams-OSRAM AG AS7058 Datasheet HTML 33Page - ams-OSRAM AG AS7058 Datasheet HTML 34Page - ams-OSRAM AG AS7058 Datasheet HTML 35Page - ams-OSRAM AG AS7058 Datasheet HTML 36Page - ams-OSRAM AG AS7058 Datasheet HTML 37Page - ams-OSRAM AG AS7058 Datasheet HTML 38Page - ams-OSRAM AG AS7058 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
35 / 199
/
7.5.1.2
Multi measurement
The Multi Measurement operation mode is used to further enhance signal quality and allows
for on-chip averaging over a predefined number of measurements. At the end of the
measurement, one average value is stored to the FIFO memory.
The advantage compared to a standard moving average filter is the reduction of the time
difference between the used sub-samples for averaging. The multi measurement uses multiple
subsample timings with close to 0-time difference in comparison when a moving average filter
is used. The used data is one sub-sample out of one sampling period. This is stacked over
time to achieve the average. Therefore, the overall time until an averaged value is available is
shortened with multi measurement in comparison to a standard moving average filter
approach.
The total measurement time is then related to the amount of multi measurements, which can
be set in the PPG_MODEx register. This functionality can also be used with the Ambient Light
Compensation Measurement modes described in chapter 7.5.2. A simplified timing diagram for
a Single Measurement with activated Multi Measurement is shown in Figure 31.
Figure 31: Multi measurement mode – simplified timing diagram
Photodiode Selection
Photodiode Offset Current
LED On
ADC Modulator
ADC Reset
SINC Downsampler
Sample Data
Sample Data
Sample Data
Sample Data
Average Data Multi Measurement
n – times
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com