Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7058 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 64Page - ams-OSRAM AG AS7058 Datasheet HTML 65Page - ams-OSRAM AG AS7058 Datasheet HTML 66Page - ams-OSRAM AG AS7058 Datasheet HTML 67Page - ams-OSRAM AG AS7058 Datasheet HTML 68Page - ams-OSRAM AG AS7058 Datasheet HTML 69Page - ams-OSRAM AG AS7058 Datasheet HTML 70Page - ams-OSRAM AG AS7058 Datasheet HTML 71Page - ams-OSRAM AG AS7058 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
68 / 199
/
7.12
Standby mode
AS7058 supports standby operation mode to reduce overall power consumption during the
pause times while no PPG or ECG measurement is ongoing. Especially at very low sample
rates standby mode helps to reduce system power consumption to extend the battery lifetime
of a device. The standby mode function is controlled with up to 14 different standby mode
enable control signals. Each of the fourteen standby enable signals controls a dedicated
hardware block of AS7058. An overview of the 14 different control signals is shown in Table 15
below. Furthermore, it contains information about the related blocks which are necessary for a
certain application. If the device operates in PPG operation mode, only standby enable signals
whose functionality is required for PPG operation need to be enabled via register
STANDBY_ON1 and STANDBY_ON2. In addition to the enable registers each Standby
Enable signal is also connected to a dedicated timing register to define the standby startup
timing of the functional block. A simplified timing diagram of all Standby Enable signals is
shown in Figure 62.
Table 15: Standby mode control signal overview
Standby control
signal
Function
Timing control
registers
Functionality
Standby Enable 1
Controls and enables the internal PLL
and high frequency oscillator.
time_en1
Required for PPG and ECG
operation
Standby Enable 2
Controls and enables the voltage
reference for the LED drivers
time_en2
Required for PPG operation only
Standby Enable 3
Controls and enables on chip
bandgap and bias reference current
time_en3
Required for PPG and ECG
operation
Standby Enable 4
Controls and enables the bypass
functions of the low pass filter
time_en4
Required for PPG and ECG
operation
Standby Enable 5
Controls and enables the bias voltage
block of the current DAC
time_en5
Required for PPG operation only
Standby Enable 6
Controls and enables the PPG
common mode voltage buffer
time1_en6
time2_en6
Required for PPG operation only
Standby Enable 7
Controls and enables the PPG
modulators
time1_en7
time2_en7
Required for PPG operation only
Standby Enable 8
Controls and enables the ECG
common mode voltage buffer
time1_en8
time2_en8
Required for ECG operation only
Standby Enable 9
Controls and enables the voltage
reference for the ECG modulator
time1_en9
time2_en9
Required for ECG operation only
Standby Enable 10
Controls and enables ECG
temperature monitoring
time1_en10
time2_en10
Required for ECG operation only
Standby Enable 11
Controls and enables the ECG
modulator
time1_en11
time2_en11
Required for ECG operation only
Standby Enable 12
Controls and enables the ECG input
multiplexer
time1_en12
time2_en12
Required for ECG operation only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com