Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7058 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 43Page - ams-OSRAM AG AS7058 Datasheet HTML 44Page - ams-OSRAM AG AS7058 Datasheet HTML 45Page - ams-OSRAM AG AS7058 Datasheet HTML 46Page - ams-OSRAM AG AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
47 / 199
/
7.7
ECG/BioZ ADC3
The third build in ADC of AS7058 is used to serve ECG, Bioimpedance and Galvanic Skin
Response (GSR) applications. The ECG and BioZ/GSR measurement pins are feed into the
corresponding measurement hardware like it is shown in Figure 40. The output signals of
these blocks are connected to a common multiplexer which can be configured via
ECG_IMUX_SEL2 register. Depending on what should be measured the multiplexer
configuration register has to be configured accordingly to address ECG or Bioimpedance
measurements. The multiplexer is then followed by a buffer whose gain can also be configured
via ECG_IMUX_GAIN register. Both registers, ECG_IMUX_SEL2 and ECG_IMUX_GAIN, are
also part of the subsample configuration as part of the ECG/BioZ sequencer described in
chapter 7.6.
Figure 40: ECG/BioZ ADC3 signal path
ECG_INP
ECG_INN
ECG_REF
ECG_LPF
ECG
GSR
BIOZ_I
BIOZ_Q
ECG_IMUX_GAIN
Buffer
TEMP
ECG_LEAD
MOD 3
Voltage Input
delta-sigma
BIOZ1
BIOZ2
BIOZ3
BIOZ4
ECG Circuitry and
Lead of Detection
BioZ and GSR Circuitry
ECGMOD_IMUX_SEL2<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com