Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFM Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F526TFCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFM Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F526TFCDFM Datasheet HTML 63Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 65Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 66Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 67Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 68Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 69Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 70Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 67 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Caution: To protect the LSI’s reliability, the output current values should not exceed the values in this table.
Note 1. The listed value applies when normal driving ability is set with a pin for which normal driving ability is selectable.
Note 2. The listed value applies when high driving ability is set with a pin for which normal driving ability is selectable, or when the pin to
which high driving ability is fixed is in use.
Note 3. The listed value applies when large current output is set with a pin for which large current output ability is selectable.
Note 4. The listed value applies when VCC is at least 4.5 V.
Note 5. The listed value applies when VCC is at least 4.0 V.
Table 2.10
Permissible Output Currents
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible low-level output
current (average value per pin)
All output pins (except for
RIIC pins, P40 to P47, P50
to P55, and P60 to P65)
Normal drive*1
IOL
——
2.0
mA
High drive*2
——
2.0
Large current output*3
—
—
15.0
RIIC pins
Standard mode
—
—
3
Fast mode
—
—
6
P40 to P47, P50 to P55, and P60 to P65
—
—
2.0
Permissible low-level output
current (max. value per pin)
All output pins (except for
RIIC pins, P40 to P47, P50
to P55, and P60 to P65)
Normal drive*1
——
4.0
High drive*2
——
4.0
High drive*2, *4
—
—
15.0
Large current output*3
—
—
15.0
RIIC pins
Standard mode
—
—
3
Fast mode
—
—
6
P40 to P47, P50 to P55, and P60 to P65
—
—
4.0
Permissible low-level output
current (total)
Total of all output pins
ΣIOL
—
—
110
mA
Permissible high-level output
current (average value per pin)
All output pins (except for
P40 to P47, P50 to P55,
and P60 to P65)
Normal drive*1
IOH
—
—
–2.0
mA
High drive*2
—
—
–2.0
Large current output*3
—
—
–5.0
Large current output*3, *5
—
—
–15.0
P40 to P47, P50 to P55, and P60 to P65
—
—
–2.0
Permissible high-level output
current (max. value per pin)
All output pins (except for
P40 to P47, P50 to P55,
and P60 to P65)
Normal drive*1
—
—
–4.0
High drive*2
—
—
–4.0
Large current output*3
—
—
–5.0
Large current output*3, *5
—
—
–15.0
P40 to P47, P50 to P55, and P60 to P65
—
—
–4.0
Permissible high-level output
current (total)
Total of all output pins
ΣIOH
—
—
–35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com