Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFM Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F526TFCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFM Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F526TFCDFM Datasheet HTML 64Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 65Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 66Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 67Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 68Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 69Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 70Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 71Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 68 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
Table 2.11
Standard Output Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = AVCC2 = 5.0 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = 25°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
Normal drive output (all output pins)
VOH
—4.97—
V
IOH = –0.5 mA
—4.94—
IOH = –1.0 mA
—4.87—
IOH = –2.0 mA
—4.74—
IOH = –4.0 mA
High-drive output (P00, P01, P10, P11,
P20 to P24, P27, P30 to P33, P70 to
P76, P80 to P82, P90 to P96, PA0 to
PA5, PB0, PB3 to PB7, PD0 to PD7,
PE0, PE1, PE3 to PE5, and PN6)
—4.98—
IOH = –0.5 mA
—4.97—
IOH = –1.0 mA
—4.94—
IOH = –2.0 mA
—4.87—
IOH = –4.0 mA
Large current output (P71 to P76, P81,
P90 to P95, PB5, PD3)
—4.99—
IOH = –0.5 mA
—4.98—
IOH = –1.0 mA
—4.96—
IOH = –2.0 mA
—4.92—
IOH = –4.0 mA
—4.91—
IOH = –5.0 mA
Output low voltage
Normal drive output (all output pins)
VOL
—0.02—
V
IOL = 0.5 mA
—0.04—
IOL = 1.0 mA
—0.09—
IOL = 2.0 mA
—0.18—
IOL = 4.0 mA
High-drive output (P00, P01, P10, P11,
P20 to P24, P27, P30 to P33, P70 to
P76, P80 to P82, P90 to P96, PA0 to
PA5, PB0, PB3 to PB7, PD0 to PD7,
PE0, PE1, PE3 to PE5, and PN6)
—0.01—
IOL = 0.5 mA
—0.03—
IOL = 1.0 mA
—0.05—
IOL = 2.0 mA
—0.10—
IOL = 4.0 mA
—0.42—
IOL = 15.0 mA
Large current output (P71 to P76, P81,
P90 to P95, PB5, PD3)
—0.01—
IOL = 0.5 mA
—0.02—
IOL = 1.0 mA
—0.04—
IOL = 2.0 mA
—0.07—
IOL = 4.0 mA
—0.09—
IOL = 5.0 mA
—0.18—
IOL = 10.0 mA
—0.28—
IOL = 15.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com