| Electronic Components Datasheet Search |
|
R5F526TFCDFM Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TFCDFM Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 23 of 142 Oct 31, 2024 RX26T Group 1. Overview Note: When not using any of the A/D converter, D/A converter, comparator C and temperature sensor, connect the AVCC0, AVCC1 and AVCC2 pins to VCC, and connect the AVSS0, AVSS1 and AVSS2 pins to VSS, respectively. Note 1. This pin functions as MD after release from the reset state, and the pull-up resistor connected to the MD pin is enabled. Note 2. This pin functions as EMLE after release from the reset state, and the pull-down resistor connected to the EMLE pin is enabled. Analog power supply AVCC0 Input Analog voltage supply pin for 12-bit A/D converter unit 0. Connect the AVCC0 pin to AVCC1 or AVCC2 when 12-bit A/D converter unit 0 is not used. AVSS0 Input Analog ground pin for 12-bit A/D converter unit 0. Connect the AVSS0 pin to AVSS1 or AVSS2 when 12-bit A/D converter unit 0 is not used. AVCC1 Input Analog voltage supply pin for 12-bit A/D converter unit 1. Connect this pin to AVCC0 when not using the 12-bit A/D converter 1 but using the 12-bit A/D converter 0. Connect this pin to AVCC2 when not using the 12-bit A/D converter 0 and the 12-bit A/D converter 1. AVSS1 Input Analog ground pin for 12-bit A/D converter unit 1. Connect this pin to AVSS0 when not using the 12-bit A/D converter 1 but using the 12-bit A/D converter 0. Connect this pin to AVSS2 when not using the 12-bit A/D converter 0 and the 12-bit A/D converter 1. AVCC2 Input Analog voltage supply pin for the 12-bit A/D converter unit 2, reference voltage supply pin for the 12-bit D/A converter, analog voltage supply pin for the comparator C, and analog voltage supply pin for the temperature sensor. Connect this pin to either of AVCC0 or AVCC1 when not using the 12-bit A/D converter unit 2, 12-bit D/A converter, comparator C, and temperature sensor. AVSS2 Input Analog ground pin for the 12-bit A/D converter unit 2, reference ground pin for the D/A converter, analog ground pin for the comparator C, and analog ground pin for the temperature sensor. Connect this pin to either of AVSS0 or AVSS1 when not using the 12-bit A/D converter unit 2, 12-bit D/A converter, comparator C, and temperature sensor. I/O ports P00, P01 I/O General-purpose input/output pins P10, P11 I/O General-purpose input/output pins P20 to P24, P27 I/O General-purpose input/output pins P30 to P33, P36, P37 I/O General-purpose input/output pins P40 to P47 I/O General-purpose input/output pins P50 to P55 I/O General-purpose input/output pins P60 to P65 I/O General-purpose input/output pins P70 to P76 I/O General-purpose input/output pins P80 to P82 I/O General-purpose input/output pins P90 to P96 I/O General-purpose input/output pins PA0 to PA5 I/O General-purpose input/output pins PB0 to PB7 I/O General-purpose input/output pins PD0 to PD7 I/O General-purpose input/output pins PE0 to PE5 I/O General-purpose input/output pins (PE2: input pin) PN6*1, PN7*2 I/O General-purpose input/output pins Table 1.4 Pin Functions (5/5) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |