Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFM Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F526TFCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFM Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F526TFCDFM Datasheet HTML 15Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 16Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 17Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 18Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 19Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 20Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 21Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 22Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 19 of 142
Oct 31, 2024
RX26T Group
1. Overview
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1/5)
Classifications
Pin Name
I/O
Description
Digital power supply
VCC
Input
Power supply pin. Connect this pin to the system power supply.
Connect the pin to VSS via a 0.1-µF multilayer ceramic
capacitor. The capacitor should be placed close to the pin.
VCL
Input
Connect this pin to VSS via a 0.47-µF smoothing capacitor used
to stabilize the internal power supply. The capacitor should be
placed close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be
input through the EXTAL pin.
EXTAL
Input
CAC
CACREF
Input
Input pin for the clock frequency accuracy measurement circuit.
Operating mode control
MD
Input
Pins for setting the operating mode. The signal levels on these
pins must not be changed during operation.
System control
RES#
Input
Reset pin. This MCU enters the reset state when this signal
goes low.
EMLE
Input
Input pin for the on-chip emulator enable signal. When the on-
chip emulator is used, this pin should be driven high. When not
used, it should be driven low.
On-chip emulator
FINED
I/O
FINE interface pin.
TRST#
Input
Pins for the on-chip emulator. When the EMLE pin is driven
high, these pins are dedicated for the on-chip emulator.
TMS
Input
TDI
Input
TCK
Input
TDO
Output
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ15
Input
Maskable interrupt request pins
Multi-function timer pulse
unit 3
MTIOC0A, MTIOC0B,
MTIOC0C, MTIOC0D
I/O
The TGRA0 to TGRD0 input capture input/output compare
output/PWM output pins
MTIOC0A#, MTIOC0B#,
MTIOC0C#, MTIOC0D#
I/O
The TGRA0 to TGRD0 input capture inverted input/output
compare inverted output/PWM inverted output pins.
MTIOC1A, MTIOC1B
I/O
The TGRA1 and TGRB1 input capture input/output compare
output/PWM output pins.
MTIOC1A#, MTIOC1B#
I/O
The TGRA1 and TGRB1 input capture inverted input/output
compare inverted output/PWM inverted output pins.
MTIOC2A, MTIOC2B
I/O
The TGRA2 and TGRB2 input capture input/output compare
output/PWM output pins.
MTIOC2A#, MTIOC2B#
I/O
The TGRA2 and TGRB2 input capture inverted input/output
compare inverted output/PWM inverted output pins.
MTIOC3A, MTIOC3B,
MTIOC3C, MTIOC3D
I/O
The TGRA3 to TGRD3 input capture input/output compare
output/PWM output pins.
MTIOC3A#, MTIOC3B#,
MTIOC3C#, MTIOC3D#
I/O
The TGRA3 to TGRD3 input capture inverted input/output
compare inverted output/PWM inverted output pins.
MTIOC4A, MTIOC4B,
MTIOC4C, MTIOC4D
I/O
The TGRA4 to TGRD4 input capture input/output compare
output/PWM output pins
MTIOC4A#, MTIOC4B#,
MTIOC4C#, MTIOC4D#
I/O
The TGRA4 to TGRD4 input capture inverted input/output
compare inverted output/PWM inverted output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com