Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F526TFCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F526TFCDFM Datasheet HTML 7Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 8Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 9Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 10Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 11Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 12Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 13Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 14Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 11 of 142
Oct 31, 2024
RX26T Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages (1/2)
Module/Functions
RX26T Group
Products with 64 Kbytes of RAM
Products with 48 Kbytes of RAM
100 Pins
80 Pins
64 Pins
48 Pins
64 Pins
48 Pins
32 Pins
CPU
Register Bank Save
Function
Available
Not available
Code Flash
Memory
Code flash memory
capacity
128 Kbytes/256 Kbytes/512 Kbytes
128 Kbytes/256 Kbytes
Dual bank function
Available*1
Not available
BGO function
Available
Data Flash Memory
16 Kbytes
RAM
64 Kbytes
48 Kbytes
External
interrupts
NMI
Available
IRQ
16
channels
13
channels
12
channels
10
channels
12
channels
10
channels
7
channels
DMA
DMA controller
Available
Data transfer controller
Available
Timers
Multifunction timer pulse
unit 3
9 channels (Ch. 0 to 7, Ch. 9)
General PWM timer
32 bits × 8 channels
16 bits × 8 channels
High resolution PWM
4 channels
Not available
Port output enable 3
Available
Port Output Enable for
GPTW
Available
8-bit timer
2 channels × 4 units
Compare match timer
2 channels × 2 units
Compare match timer W
1 channel × 2 units
Watchdog timer
Available
Independent watchdog
timer
Available
Communica-
tion functions
Serial communications
interfaces (SCIk)
Ch. 1, 5, and 6
Ch. 1, 6
Serial communications
interfaces (SCIh)
Ch. 12
Serial communications
interfaces (RSCI)
Ch. 8, 9, and 11
Not available
I2C bus interfaces (RIIC)
1 channel
I3C bus interfaces (RI3C)
1 channel
Not available
Serial peripheral interface
(RSPI)
Ch. 0
Not
available
Serial peripheral interface
(RSPIA)
Ch. 0
Not available
CAN FD module (CANFD)
1 channel
Not
available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com