Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFM Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F526TFCDFM
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFM Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F526TFCDFM Datasheet HTML 85Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 86Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 87Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 88Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 89Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 90Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 91Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 92Page - Renesas Technology Corp R5F526TFCDFM Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 89 of 142
Oct 31, 2024
RX26T Group
2. Electrical Characteristics
2.4.5.9
SCI
Note 1. tPBcyc: PCLKB cycle
Figure 2.36
SCK Clock Input Timing
Figure 2.37
SCI Input/Output Timing: Clock Synchronous Mode
Table 2.31
SCIk and SCIh Timing
Conditions: VCC = 2.7 to 5.5 V, AVCC0 = AVCC1 = AVCC2 = 3.0 to 5.5 V,
VSS = AVSS0 = AVSS1 = AVSS2 = 0 V, Ta = Topr,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the driving ability control register.
Item
Symbol
Min.
Max.
Unit*1
Test Conditions
SCIk, SCIh Input clock cycle
Asynchronous
tScyc
4
—
tPBcyc Figure 2.36
Clock synchronous
6
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—5
ns
Input clock fall time
tSCKf
—5
ns
Output clock cycle
Asynchronous (SCIk)
tScyc
6—
tPBcyc
Asynchronous (SCIh)
8
—
Clock synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—5
ns
Output clock fall time
tSCKf
—5
ns
Transmit data delay time
Clock synchronous
tTXD
—28
ns
VCC ≥ 4.5 V
Figure
2.37
—
33
VCC < 4.5 V
Receive data setup time
Clock synchronous
tRXS
15
—
ns
Figure 2.37
Receive data hold time
Clock synchronous
tRXH
5—
ns
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 1, 5, 6, and 12)
tTXD
tRXS tRXH
TxDn
RxDn
SCKn
n = 1, 5, 6, and 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com