Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp S7G2 Datasheet HTML 36Page - Renesas Technology Corp S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 37 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.2.2
I/O VIH, VIL
Note 1. SCL0_B, SCL1_B, SDA1_B (total 3 pins).
Note 2. SCL0_A, SDA0_A, SDA0_B, SCL1_A, SDA1_A, SCL2, SDA2 (total 7 pins).
Note 3. RES and peripheral function pins associated with P205, P206, P400, P401, P407 to P415, P511, P512, P708 to
P713, PB01 (total 23 pins).
Note 4. All input pins except for the peripheral function pins already described in the table.
Note 5. P205, P206, P400, P401, P407 to P415, P511, P512, P708 to P713, PB01 (total 22pins).
Table 2.4
I/O VIH, VIL
Parameter
Symbol
Min
Typ
Max
Unit
Input voltage
(except for
Schmitt
trigger input
pins)
Peripheral
function pin
EXTAL (external clock input), WAIT, SPI
VIH
VCC × 0.8
-
-
V
VIL
--
VCC × 0.2
D00 to D15,
DQ00 to DQ15
VIH
VCC × 0.7
-
-
VIL
--
VCC × 0.3
ETHERC
VIH
2.3
-
-
VIL
--
VCC × 0.2
IIC (SMBus)*1
VIH
2.1
-
-
VIL
--
0.8
IIC (SMBus)*2
VIH
2.1
-
-
VIL
--
0.8
Schmitt
trigger input
voltage
Peripheral
function pin
IIC (except for SMBus)*1
VIH
VCC × 0.7
-
-
V
VIL
--
VCC × 0.3
ΔVT
VCC × 0.05
-
-
IIC (except for SMBus)*2
VIH
VCC × 0.7
-
VCC + 3.6
(max 5.8)
VIL
--
VCC × 0.3
ΔVT
VCC × 0.05
-
-
5V-tolerant ports*3*7
VIH
VCC × 0.8
-
VCC + 3.6
(max 5.8)
VIL
--
VCC × 0.2
ΔVT
VCC × 0.05
-
-
RTCIC0,
RTCIC1,
RTCIC2
When using
the Battery
Backup
Function
When VBATT
power supply
is selected
VIH
VBATT × 0.8
-
VBATT + 0.3
VIL
--
VBATT × 0.2
ΔVT
VBATT × 0.05
-
-
When VCC
power supply
is selected
VIH
VCC x 0.8
-
Higher
voltage, either
VCC + 0.3 or
VBATT + 0.3
VIL
--
VCC × 0.2
ΔVT
VCC × 0.05
-
-
When not using the Battery
Backup Function
VIH
VCC × 0.8
-
VCC + 0.3
VIL
--
VCC × 0.2
ΔVT
VCC × 0.05
-
-
Other input pins*4
VIH
VCC × 0.8
-
-
VIL
--
VCC × 0.2
ΔVT
VCC × 0.05
-
-
Ports
5V-tolerant ports*5*7
VIH
VCC × 0.8
-
VCC + 3.6
(max 5.8)
VIL
--
VCC × 0.2
Other input pins*6
VIH
VCC × 0.8
-
-
VIL
--
VCC × 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com