Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 87Page - Renesas Technology Corp S7G2 Datasheet HTML 88Page - Renesas Technology Corp S7G2 Datasheet HTML 89Page - Renesas Technology Corp S7G2 Datasheet HTML 90Page - Renesas Technology Corp S7G2 Datasheet HTML 91Page - Renesas Technology Corp S7G2 Datasheet HTML 92Page - Renesas Technology Corp S7G2 Datasheet HTML 93Page - Renesas Technology Corp S7G2 Datasheet HTML 94Page - Renesas Technology Corp S7G2 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 91 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Figure 2.80
USBHS_DP and USBHS_DM squelch detect sensitivity in high-speed mode
Figure 2.81
USBHS_DP and USBHS_DM disconnect detect sensitivity in high-speed mode
Figure 2.82
USBHS_DP and USBHS_DM output timing in high-speed mode
Figure 2.83
Test circuit in high-speed mode
Table 2.37
USBHS high-speed characteristics (USBHS_DP and USBHS_DM pin characteristics)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 20/24 MHz
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Squelch detect sensitivity
VHSSQ
100
-
150
mV
Figure 2.80
Disconnect detect sensitivity
VHSDSC
525
-
625
mV
Figure 2.81
Common-mode voltage
VHSCM
-50
-
500
mV
-
Output
characteristics
Idle state
VHSOI
-10.0
-
10
mV
-
Output high voltage
VHSOH
360
-
440
mV
Output low voltage
VHSOL
-10.0
-
10
mV
Chirp J output voltage (difference)
VCHIRPJ
700
-
1100
mV
Chirp K output voltage (difference)
VCHIRPK
-900
-
-500
mV
AC
characteristics
Rise time
tHSR
500
-
-
ps
Figure 2.82
Fall time
tHSF
500
-
-
ps
Output resistance
ZHSDRV
40.5
-
49.5
Ω
-
USBHS_DP,
USBHS_DM
VHSSQ
USBHS_DP,
USBHS_DM
VHSDSC
USBHS_DP,
USBHS_DM
tHSF
tHSR
90%
10%
10%
90%
Observation
point
USBHS_DP
USBHS_DM
45
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com