| Electronic Components Datasheet Search |
|
S7G2 Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S7G2 Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 117 page ![]() R01DS0262EU0150 Rev.1.50 Page 17 of 117 Sep 24, 2025 S7G2 Datasheet 1. Overview ETHERC REF50CK0, REF50CK1 Input 50-MHz reference clocks. These pins input reference signals for transmission/reception timing in RMII mode. RMII0_CRS_DV, RMII1_CRS_DV Input Indicate carrier detection signals and valid receive data on RMII_RXD1 and RMII_RXD0 in RMII mode RMII0_TXD0, RMII0_TXD1, RMII1_TXD0, RMII1_TXD1 Output 2-bit transmit data in RMII mode RMII0_RXD0, RMII0_RXD1, RMII1_RXD0, RMII1_RXD1 Input 2-bit receive data in RMII mode RMII0_TXD_EN, RMII1_TXD_EN Output Output pins for data transmit enable signals in RMII mode RMII0_RX_ER, RMII1_RX_ER Input Indicate an error occurred during reception of data in RMII mode ET0_CRS, ET1_CRS Input Carrier detection/data reception enable signals ET0_RX_DV, ET1_RX_DV Input Indicate valid receive data on ETn_ERXD3 to ETn_ERXD0 (n = 0, 1) ET0_EXOUT, ET1_EXOUT Output General-purpose external output pins ET0_LINKSTA, ET1_LINKSTA Input Input link status from the PHY-LSI ET0_ETXD0 to ET0_ETXD3, ET1_ETXD0 to ET1_ETXD3 Output 4 bits of MII transmit data ET0_ERXD0 to ET0_ERXD3, ET1_ERXD0 to ET1_ERXD3 Input 4 bits of MII receive data ET0_TX_EN, ET1_TX_EN Output Transmit enable signals. Function as signals indicating that transmit data is ready on ETn_ETXD3 to ETn_ETXD0 (n = 0, 1). ET0_TX_ER, ET1_TX_ER Output Transmit error pins. Function as signals notifying the PHY_LSI of an error during transmission. ET0_RX_ER, ET1_RX_ER Input Receive error pins. Function as signals to recognize an error during reception. ET0_TX_CLK, ET1_TX_CLK Input Transmit clock pins. These pins input reference signals for output timing from ETn_TX_EN, ETn_ETXD3 to ETn_ETXD0, and ETn_TX_ER (n = 0, 1). ET0_RX_CLK, ET1_RX_CLK Input Receive clock pins. These pins input reference signals for input timing to ETn_RX_DV, ETn_ERXD3 to ETn_ERXD0, and ETn_RX_ER (n = 0, 1). ET0_COL, ET1_COL Input Input collision detection signals ET0_WOL, ET1_WOL Output Receive Magic packets ET0_MDC, ET1_MDC Output Output reference clock signals for information transfer through ETn_MDIO (n = 0, 1) ETHERC ET0_MDIO, ET1_MDIO I/O Input or output bidirectional signals for exchange of management data with PHY-LSI SDHI/MMC SD0CLK, SD1CLK Output SD/MMC clock output pins SD0CMD, SD1CMD I/O Command output pin and response input signal pins SD0DAT0 to SD0DAT7, SD1DAT0 to SD1DAT7 I/O SD/MMC data bus pins SD0CD, SD1CD Input SD/MMC card detection pins SD0WP, SD1WP Input SD/MMC write-protect signals Table 1.17 Pin functions (4 of 5) Function Signal I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |