Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp S7G2 Datasheet HTML 47Page - Renesas Technology Corp S7G2 Datasheet HTML 48Page - Renesas Technology Corp S7G2 Datasheet HTML 49Page - Renesas Technology Corp S7G2 Datasheet HTML 50Page - Renesas Technology Corp S7G2 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 47 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
Figure 2.7
PLL clock oscillation start timing
Note:
Only operate the PLL is operated after main clock oscillation has stabilized.
Figure 2.8
Sub-clock oscillation start timing
2.3.3
Reset Timing
Table 2.16
Reset timing
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
Power-on
LDO mode
tRESWP
1-
-
ms
Figure 2.9
DCDC mode
1.5
-
-
ms
Deep Software Standby mode
tRESWD
0.6
-
-
ms
Figure 2.10
Software Standby mode, Subosc-speed
mode
tRESWS
0.3
-
-
ms
All other
tRESW
200
-
-
μs
Wait time after RES cancellation
tRESWT
-
-
33.4
μs
Figure 2.9
Wait time after internal reset cancellation
(IWDT reset, WDT reset, software reset, SRAM parity error
reset, SRAM DED error reset, bus master MPU error reset, bus
slave MPU error reset, stack pointer error reset)
tRESW2
-
-
390
μs-
PLLCR.PLLSTP
OSCSF.PLLSF
PLL clock
tPLLWT
PLL circuit output
Sub-clock oscillator output
SOSCCR.SOSTP
tSUBOSCCWT
Sub-clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com