Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S7G2 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # S7G2
Description  S7G2 Microcontroller Group
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp S7G2 Datasheet HTML 47Page - Renesas Technology Corp S7G2 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
R01DS0262EU0150 Rev.1.50
Page 44 of 117
Sep 24, 2025
S7G2 Datasheet
2. Electrical Characteristics
2.3
AC Characteristics
2.3.1
Frequency
Note 1. FCLK must run at a frequency of at least 4 MHz when programming or erasing the flash memory.
Note 2. See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK frequencies.
Note 3. When the ADC12 is used, the PCLKC frequency must be at least 1 MHz.
Note 1. Programming or erasing the flash memory is disabled in low-speed mode.
Note 2. See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK frequencies.
Note 3. When the ADC12 is used, the PCLKC frequency must be set to at least 1 MHz.
Note 1. Programming or erasing the flash memory is disable in Subosc-speed mode.
Note 2. See section 9, Clock Generation Circuit in Userʼs Manual for the relationship between the ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK, and BCLK frequencies.
Note 3. The ADC12 cannot be used.
Table 2.11
Operation frequency value in high-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK*2)
f
-
-
240
MHz
Peripheral module clock (PCLKA)*2
-
-
120
Peripheral module clock (PCLKB)*2
--
60
Peripheral module clock (PCLKC)*2
-*3
-60
Peripheral module clock (PCLKD)*2
-
-
120
Flash interface clock (FCLK)*2
-*1
-60
External bus clock (BCLK)*2
-
-
120
EBCLK pin output
-
-
60
SDCLK pin output
VCC ≥ 3.0 V
-
-
120
Table 2.12
Operation frequency value in low-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f-
-
1
MHz
Peripheral module clock (PCLKA)*2
--
1
Peripheral module clock (PCLKB)*2
--
1
Peripheral module clock (PCLKC)*2,*3
-*3
-1
Peripheral module clock (PCLKD)*2
--
1
Flash interface clock (FCLK)*1, *2
--
1
External bus clock (BCLK)
-
-
1
EBCLK pin output
-
-
1
Table 2.13
Operation frequency value in Subosc-speed mode
Parameter
Symbol
Min
Typ
Max
Unit
Operation frequency
System clock (ICLK)*2
f
29.4
-
36.1
kHz
Peripheral module clock (PCLKA)*2
-
-
36.1
Peripheral module clock (PCLKB)*2
-
-
36.1
Peripheral module clock (PCLKC)*2,*3
-
-
36.1
Peripheral module clock (PCLKD)*2
-
-
36.1
Flash interface clock (FCLK)*1, *2
29.4
-
36.1
External bus clock (BCLK)*2
-
-
36.1
EBCLK pin output
-
-
36.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com